Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIM-P708 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIM-P708
Description  Simple cradle for AIM-37 Mobile POS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIM-P708 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIM-P708 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
AIM-P708
Specifications
Model Name
AIM-P708A0
AIM-P708C0
Pogo Pin
5V/3A Charger
5V/3A Charger
Thermal Printer
N/A
N/A
I/O Port
1 x DC IN (micro USB type with 5V/3A input)
1 x USB 2.0 Type A
1 x DC IN (DC Jack with 12V/3A input)
2 x USB 2.0 Type A
1 x COM Port (RS232)
1 x RJ45
Dimensions
138 x 167 x 98 mm
Environment
Operating Temperature
0 ~ 40° C
Storage Temperature
-10 ~ +60° C
Operating Humidity
5% ~ 95%, non-condensing
RoHS
COMPLIANT
2002/95/EC
Dimensions
Unit: mm
ƒ Compact and stylish cradle for AIM-37 Mobile POS
ƒ Supports 5V/3A high speed charging to AIM-37 Mobile POS via Pogo Pin
ƒ Supports multiple I/Os: 2 x USB 2.0 Type A; 1 x COM Ports; 1 x RJ45 ports
ƒ Suitable for retail customer to do table-site ordering and information checking
ƒ Provide another charging method to retail customer
Simple cradle for AIM-37 Mobile POS
Fully-Integrated I/O
Ordering Information
P/N
Description
AIM-P708A0
Charging, 1 x USB 2.0 Type A; 1x DC in (micro USB)
AIM-P708C0
Charging, 2 x USB 2.0 Type A; 1 x COM Ports; 1 x RJ45 ports,
1 x DC in Jack (12V only)
138.52
167.26
DC in
RS232
USB type A
USB
RJ45
DC in (micro USB)
All product specifications are subject to change without notice.
Last updated: 8-Aug-2019


Similar Part No. - AIM-P708

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIM-P701 ADVANTECH-AIM-P701 Datasheet
749Kb / 1P
Multi-Functional Smart Cradle for AIM-37 Mobile POS
26-Jun-2017
AIM-P701A0 ADVANTECH-AIM-P701A0 Datasheet
981Kb / 2P
10.1 Industrial Tablet for Retail Application
AIM-P701B0 ADVANTECH-AIM-P701B0 Datasheet
981Kb / 2P
10.1 Industrial Tablet for Retail Application
AIM-P702 ADVANTECH-AIM-P702 Datasheet
981Kb / 2P
10.1 Industrial Tablet for Retail Application
AIM-P703 ADVANTECH-AIM-P703 Datasheet
981Kb / 2P
10.1 Industrial Tablet for Retail Application
More results

Similar Description - AIM-P708

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CAM-G93 MITSUMI-CAM-G93 Datasheet
60Kb / 2P
Interface Connectors for Cradle
CAM-G75 MITSUMI-CAM-G75 Datasheet
76Kb / 2P
Interface Connectors for Cradle
logo
Advantech Co., Ltd.
AIM-P701 ADVANTECH-AIM-P701 Datasheet
749Kb / 1P
Multi-Functional Smart Cradle for AIM-37 Mobile POS
26-Jun-2017
AIM-35 ADVANTECH-AIM-35_V02 Datasheet
236Kb / 1P
Docking Station Series for AIM-35
8-Aug-2019
AIM-38 ADVANTECH-AIM-38_V03 Datasheet
206Kb / 1P
Desk Docking Station for AIM-38
8-Aug-2019
AIM-38 ADVANTECH-AIM-38_V04 Datasheet
207Kb / 1P
VESA Docking Station for AIM-38
8-Aug-2019
AIM-P508 ADVANTECH-AIM-P508 Datasheet
317Kb / 1P
Simple cradle for AIM 8" Industrial tab - let
17-Feb-2022
logo
CONEC Elektronische Bau...
160X10449X CONEC-160X10449X Datasheet
42Kb / 1P
Dust cap for socket connector 9 - 37 pos.
1995.18.07
600X517009X CONEC-600X517009X Datasheet
234Kb / 1P
Shielded Plastic dust cap 9-37 pos. for plug connector
23.01.2019
600X517015X CONEC-600X517015X Datasheet
234Kb / 1P
Shielded Plastic dust cap 9-37 pos. for plug connector
23.01.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com