Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL60006/TBD Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL60006/TBD
Description  1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60006/TBD Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL60006/TBD Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60006/TBD Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60006/TBD Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60006/TBD Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60006/TBD Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60006/TBD Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60006/TBD Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZL60006
Data Sheet
2
Zarlink Semiconductor Inc.
Operating Conditions:25°C Case Temperature/3.3 V Supply Voltage/Fiber: Single-mode 10/125 µm fiber.
PRBS Pattern 223 -1 at 2.5 Gbps.
Note 1: Pf = 10 µW Peak-Peak Power
Note 2: Pf = 500 µW Peak-Peak Power
Note 3: Measured at 10-10 BER with a 223-1 PRBS at 2.5 Gbps
Note 4: Measured with STM-16 filter on electrical output, i.e., 1.875 GHz
Note 5: Data pattern are to have maximum runlength and DC-balance shifts no more than that of a PRBS-31 pattern.
Optical and Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Responsivity, differential
R
46
kV/W
λ=1310 nm,
RL=100 Ω, Note 1
Output voltage amplitude,
differential
∆VO
200
300
mVpp
RL=100 Ω
Note 2
Bandwidth (3 dBel)
fc
2.0
GHz
Pf = 10
µW, RL=100 Ω
Optical Saturation Level
Psat
1dBm
λ=1310 nm,
Note 3
Noise-Equivalent Power
NEP
-35
-30
dBm
λ=1310 nm, Note 4
Sensitivity (BER 10-9)
S
-25
-23
dBm
λ=1310 nm,
Note 3
Dynamic Range
24
dB
Output Resistance (single)
Ro
50
Ω
Power Dissipation
PD
85
140
mW
Power Supply Current
IDD
25
38
m
Α
Data & Data AC Coupled
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage
VCC
03.6
V
Storage Temperature
Tstg
-40
125
°C
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VCC-VEE
33.3
3.6
V
Operating Temperature
Top
-40
85
°C
Signalling Rate, Note 5
fD
1
3.125
Gbps
ER
∞
=
ER
∞
=



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com