Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST207EATR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST207EATR
Description  짹 15kV ESD protected 5V RS-232 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207EATR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST207EATR Datasheet HTML 6Page - STMicroelectronics ST207EATR Datasheet HTML 7Page - STMicroelectronics ST207EATR Datasheet HTML 8Page - STMicroelectronics ST207EATR Datasheet HTML 9Page - STMicroelectronics ST207EATR Datasheet HTML 10Page - STMicroelectronics ST207EATR Datasheet HTML 11Page - STMicroelectronics ST207EATR Datasheet HTML 12Page - STMicroelectronics ST207EATR Datasheet HTML 13Page - STMicroelectronics ST207EATR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Package mechanical data
ST207E
10/17
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.093
0.104
A1
0.1
0.30
0.004
0.012
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.009
0.013
D
15.20
15.60
0.598
0.614
E
7.4
7.6
0.291
0.299
e
1.27
0.050
H
10.00
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.4
1.27
0.016
0.050
k0°
ddd
0.100
0.004
SO-24 MECHANICAL DATA
0070769C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com