Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6421 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 3Page - Texas Instruments AM6421 Datasheet HTML 4Page - Texas Instruments AM6421 Datasheet HTML 5Page - Texas Instruments AM6421 Datasheet HTML 6Page - Texas Instruments AM6421 Datasheet HTML 7Page - Texas Instruments AM6421 Datasheet HTML 8Page - Texas Instruments AM6421 Datasheet HTML 9Page - Texas Instruments AM6421 Datasheet HTML 10Page - Texas Instruments AM6421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 263 page
background image
4 Revision History
Changes from July 16, 2022 to September 21, 2022 (from Revision D (JULY 2022) to Revision E
(SEPTEMBER 2022))
Page
• Global: Changed the document product status from "Advance Information" to "Production Data"................... 1
• (Features): Updated USB features to clarify speeds supported for device and host modes.............................. 1
• (Features): Updated the "Hardware integrity up to SIL 2 targeted" bullet to remove "for MCU domain" since
the new target includes both MCU and Main domains....................................................................................... 1
• (Applications): Added the linked Condition-Monitoring Gateway bullet.............................................................. 4
• (Functional Block Diagram): Updated note C to clarify USB speed limitations when shared SerDes PHY is
being used for PCIe............................................................................................................................................ 5
• (Device Comparison): Changed "Industrial Communication Subsystem Support" to "PRU_ICSSG Industrial
Communication Support" and changed content of notes associated with PRU_ICSSG to clarify PRU_ICSSG
features are still enabled on devices that do not enable Industrial Communication Support........................... 10
• (Device Comparison): Added a new note to clarify USB speed limitations when shared SerDes PHY is being
used for PCIe....................................................................................................................................................10
• (Pin Attributes - BALL STATE DURING RESET RX/TX/PULL and BALL STATE AFTER RESET RX/TX/
PULL): Added "NA: Not Applicable" to the description to help clarify the I2C Open-drain Fail-safe (I2C OD
FS) buffer type does not having internal pulls.................................................................................................. 14
• (Pin Attributes - Pins C19, A18, B18, E9, and A10): Changed the "PULL" value in the "BALL STATE DURING
RESET RX/TX/PULL" and "BALL STATE AFTER RESET RX/TX/PULL" columns from "Off" to "NA" to help
clarify the I2C Open-drain Fail-safe (I2C OD FS) buffer type does not having internal pulls........................... 17
• (Pin Attributes - Pin G18, J21, G19, K20, J20, J18, J17, H17, H19, H18, G17): Defined values in the "BALL
STATE DURING RESET RX/TX/PULL" and "BALL STATE AFTER RESET RX/TX/PULL" columns for each
pin..................................................................................................................................................................... 17
• (Pin Attributes - Pin F18): Removed the "PU/PD" value from the "PULL UP/DOWN TYPE" column since this
pin does not having internal pulls..................................................................................................................... 17
• (ADC0 Signal Descriptions): Updated note associated with ADC0_REFP and ADC_REFN to clarify
connectivity requirements................................................................................................................................. 59
• (DDRSS0 Signal Descriptions): Updated note associated with DDR_CAL0 to include maximum power
dissipation expected for calibration resistor......................................................................................................59
• (EQEP0 Signal Descriptions): Added a note and note references to identify each EQEP with a debounce
function on its input...........................................................................................................................................59
• (EQEP1 Signal Descriptions): Added a note and note references to identify each EQEP with a debounce
function on its input...........................................................................................................................................59
• (EQEP2 Signal Descriptions): Added a note and note references to identify each EQEP with a debounce
function on its input...........................................................................................................................................59
• (USB0 Signal Descriptions): Changed the maximum power dissipation expected for the USB0_RCALIB
calibration resistor from 7.5mW to 7.2mW........................................................................................................59
• (Pin Connectivity Requirements): Deleted pin J15 from the row associated with VDDS_MMC0..................... 94
• (Absolute Maximum Ratings): Defined values for all previously undefined TBD values.................................. 98
• (Absolute Maximum Ratings): Changed all 3.8V maximum values to 3.63V....................................................98
• (Absolute Maximum Ratings): Changed all 2.2V maximum values to 1.98V except MCU_PORz, which was
changed to 3.63V..............................................................................................................................................98
• (ESD Ratings): Replaced TBD values with tested values.............................................................................. 100
• (Speed Grade Maximum Frequency): Defined values for all previously undefined TBD values.................... 102
• (Power Consumption Summary): Added a link to the AM64x/AM243x Power Estimation Tool application note
........................................................................................................................................................................102
• (I2C OD FS Electrical Characteristics): Defined maximum VIH values for 1.8-V mode and 3.3-V mode and
included a note that describes how these values also define the absolute maximum input voltage. Removed
the typical Input Leakage Current value and several TBD values which were not applicable........................103
• (I2C OD FS Electrical Characteristics): Removed the typical Input Leakage Current value and several TBD
values which were not applicable................................................................................................................... 103
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com