Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG200 Datasheet(PDF) 14 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG200 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 10Page - Texas Instruments LOG200 Datasheet HTML 11Page - Texas Instruments LOG200 Datasheet HTML 12Page - Texas Instruments LOG200 Datasheet HTML 13Page - Texas Instruments LOG200 Datasheet HTML 14Page - Texas Instruments LOG200 Datasheet HTML 15Page - Texas Instruments LOG200 Datasheet HTML 16Page - Texas Instruments LOG200 Datasheet HTML 17Page - Texas Instruments LOG200 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Individually calculating the LCE for every possible input condition is not practical. The LCE expressed as an
error envelope is more useful to circuit designers. This calculation conveys the maximum LCE expected across
a given input range as a percentage of the expected full-scale output voltage. The calculation involves iterating
across a set of all measured immediate LCE values for a given range. The difference of the maximum and
minimum values is then halved and normalized with a division by the output voltage span of the measurement
(the difference of the maximum output voltage and minimum output voltage, typically at the two endpoints of the
data set), to express LCE as a percentage of the full-scale range:
LCE%= LCEmax−LCEmin
2× VLOGOUTmax−VLOGOUTmin ×100%
(6)
The LCE envelope can then be expressed in dB through the following relationship, where the factor of 20 is
associated with amplitude. For expression in terms of optical power, this factor is 10.
LCEdB=20log1−LCE%100%
(7)
8.2 Typical Application
8.2.1 Optical Current Sensing
A common use case for the LOG200 is an optical current sense circuit, using an external photodiode. Figure 8-5
shows an implementation using an InGaAs, PIN photodiode for a λ = 1.31
‑μm application. This design uses ±5‑V
supplies and is intended for use with input currents from 10 nA to 100 µA. Decoupling capacitors are not shown
for brevity. The design can be easily implemented using the LOG200 Evaluation Module board.
100
To Oscilloscope
Photodiode
+
–
+
–
+
–
I2
I1
PD
Bias
IBIAS
VCM
+
–
REFGND
+
–
2.5 V
1.65 V
REF25
REF165
+
–
REFA
OUTA
OUTB
–IN
+IN
VS+
VS–
VS+
1 μA
IREF
I2
I1
2.5 V
2.5 V
5 V
5 V
LOG200
–5 V
Figure 8-5. LOG200 Optical Current Sensing Application
LOG200
SBOSA28 – AUGUST 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com