Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
7.5 Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 150°C junction temperature
range unless otherwise stated. VVIN = 48 V, VEN/UVLO = 1.5 V, RRT = 25 kΩ unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IFB-BIAS
FB input bias current
VFB = 0.8 V, -40℃ to +125℃
–100
100
nA
IFB-BIAS
FB input bias current
VFB =0.8 V, TJ = +150℃
–200
200
nA
VCOMP-OH
COMP output high voltage
VFB = 0 V, COMP sourcing 1 mA
5
V
VCOMP-OL
COMP output low voltage
COMP sinking 1 mA
0.3
V
AVOL
DC gain
94
dB
GBW
Unity gain bandwidth
6.5
MHz
SOFT-STARTand VOLTAGE TRACKING
ISS
SS/TRK capacitor charging current
VSS/TRK = 0 V
8.5
10
12
µA
RSS
SS/TRK discharge FET resistance
VEN/UVLO = 1 V, VSS/TRK = 0.1 V
11
Ω
VSS-FB
SS/TRK to FB offset
VSS/TRK – VFB, VFB = 0.8 V
–15
0
15
mV
VSS-CLAMP
SS/TRK clamp voltage
VFB = 0.8 V
0.115
V
POWER GOOD INDICATOR
PGUTH
FB upper threshold for PGOOD high to
low
% of VREF, VFB rising
108
%
PGLTH
FB lower threshold for PGOOD high to
low
% of VREF, VFB falling
92
%
PGHYS_U
PGOOD upper theshold hysteresis
% of VREF
3
%
PGHYS_L
PGOOD lower threshold hysteresis
% of VREF
2
%
TPG-RISE
PGOOD rising filter
FB to PGOOD rising edge
25
us
TPG-FALL
PGOOD falling filter
FB to PGOOD falling edge
25
us
VPG-OL
PGOOD low state output voltage
VFB = 0.9 V, IPGOOD = 2 mA
150
mV
IPG-OH
PGOOD high state leakage current
VFB = 0.8 V, VPGOOD = 13 V, -40℃ to
+150
℃
400
nA
IPG-OH
PGOOD high state leakage current
VFB = 0.8 V, VPGOOD = 13 V
400
nA
OSCILLATOR
FSW1
Oscilator frequency – 1
RRT = 100 kΩ
100
kHz
FSW2
Oscillator frequency – 2
RRT = 25 kΩ
400
kHz
FSW3
Oscillator frequency – 3
RRT = 12.5 kΩ
780
kHz
SYNCHRONIZATION INPUT AND OUTPUT
FSYNC
SYNCIN external clock frequency
range
% of nominal frequency set by RRT
–20
50
%
VSYNC-IH
SYNCIN input logic high
2
V
VSYNC-IL
SYNCIN input logic low
0.8
V
RSYNC-IN
SYNCIN input resistance
VSYNCIN = 3 V
20
kΩ
TSYNCI-PW
SYNCIN input minimum pulsewidth
Minimum high state or low state
duration
50
ns
VSYNCO-OH
SYNCOUT high-state output voltage
ISYNCOUT = –1 mA (sourcing current)
3
V
VSYNCO-OL
SYNCOUT low-state output voltage
ISYNCOUT = 1 mA (sinking current)
0.4
V
TSYNCOUT
Delay from HO rising to SYNCOUT
leading edge
VSYNCIN = 0 V, TS = 1/FSW, FSW set by
RRT
TS/2 –
140
ns
TSYNCIN
Delay from SYNCIN rising to HO
leading edge
50% to 50%
150
ns
GATE DRIVERS
RHO-UP
HO high state resistance, HO to BST
VBST – VSW = 7 V, IHO = –100 mA
1.5
Ω
RHO-DOWN
HO low state resistance, HO to SW
VBST – VSW = 7 V, IHO = 100 mA
0.9
Ω
LV5144
SNVSCJ1 – AUGUST 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com