Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT244 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT244
Description  SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT244 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ACT244 Datasheet HTML 5Page - Texas Instruments SN74ACT244 Datasheet HTML 6Page - Texas Instruments SN74ACT244 Datasheet HTML 7Page - Texas Instruments SN74ACT244 Datasheet HTML 8Page - Texas Instruments SN74ACT244 Datasheet HTML 9Page - Texas Instruments SN74ACT244 Datasheet HTML 10Page - Texas Instruments SN74ACT244 Datasheet HTML 11Page - Texas Instruments SN74ACT244 Datasheet HTML 12Page - Texas Instruments SN74ACT244 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
8 Detailed Description
8.1 Overview
The SNx4ACT244 devices are buffer drivers with separate output enable inputs. The active low output enable
sets the output to high impedance when a logic high is applied. For the high-impedance state during power up or
power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined
by the current-sinking capability of the driver.
8.2 Functional Block Diagram
Figure 8-1. Logic Diagram (Positive Logic)
8.3 Feature Description
The SNx4ACT244 devices are recommended for 4.5 V to 5.5-V VCC range under normal operating conditions.
The inputs are TTL compatible accepting 2-V minimum high at 5-V VCC.
8.4 Device Functional Modes
Table 8-1 lists the functions of the device.
Table 8-1. Function Table (Each Buffer)
INPUTS
OUTPUT
Y
OE
A
L
H
H
L
L
L
H
X
Hi-Z
www.ti.com
SN54ACT244, SN74ACT244
SCAS517E – JUNE 1995 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN54ACT244 SN74ACT244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com