Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5B01 Datasheet(PDF) 2 Page - Analog Devices

Part # 5B01
Description  16 Channel Backplane
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B01 Datasheet(HTML) 2 Page - Analog Devices

  5B01 Datasheet HTML 1Page - Analog Devices 5B01 Datasheet HTML 2Page - Analog Devices 5B01 Datasheet HTML 3Page - Analog Devices 5B01 Datasheet HTML 4Page - Analog Devices 5B01 Datasheet HTML 5Page - Analog Devices 5B01 Datasheet HTML 6Page - Analog Devices 5B01 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5B01
Rev. 0 | Page 2 of 7
GENERAL DESCRIPTION
Model 5B01 Backplane
- The 5B01 diagrammed in Figure 1, is
a 16 channel backplane that provides single-ended, high level
analog input/output pins on the system connector. It is pin
compatible with Analog Devices’ 3B Series applications. (Note,
however, that 5B Series modules provide a +5V output swing
rather than the +10V swing provided by 3B Series modules.)
Model 5B01 System Connectors
– Signal connections between
the 5B01 backplane and the associated measurement and
control system are made at P1 and P2. These connectors are
identical electrically. The redundant connectors may be useful if
a 5B01 is used for both analog input and analog output and the
data acquisition system has separate input and output
connectors. A signal path is provided for each channel and, in
addition, a number of grounding pins are present in the
connector pin-out to provide inter-channel shield conductors in
the ribbon cable. In some cases, discussed below, the ground
conductors will not provide an accurate signal reference, so a
SENSE pin is also provided in the pin-out. Several jumper and
component options on the backplane provide optimum ground
connections for various circumstances.
Model 5B01 Grounding
– Each 5B01 backplane is factory
configured with Jumpers W1, W3, and W4 installed. Jumper
W1 grounds the shield wires in the ribbon cable (Pins 3, 6, 12,
15, 18, 21, and 24) at the 5B01 backplane. This will usually be
the primary ground connection between the 5B01 and the
measurement system. This connection is required if output
modules will be used on the backplane. It is also required is
there is no high impedance sense input (input Low of a
differential or pseudo-differential system) available on the
measurement system. Jumper W3 connects the sense input, if
available, to Pin 25 so that the 5B01’s ground is read. It can be
left in place at all times. Jumper W4 connects +5VDC power
common to input/output common (backplane measurement
ground). A connection between power common and
input/output common is important for the 5B Series modules to
function properly, however, if this connection is made elsewhere
in your system the best place is usually near the A/D or D/A
converters), W4 should be cut, since a ground loop could result.
Model 5B01 Inter-channel Bridge Jumpers
– The 5B01 gives
the user the capability of directing the voltage output of any
input module to an adjacent output module (e.g., Model 5B39)
simply by placing a jumper between the pins of the two
modules (input to channel n, output from channel n+1). This
feature can be used to provide an isolated current output from
an isolated input module, giving two levels of 1500 V rms
isolation. Model AC1344 provides ten jumpers.
.
Figure 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com