Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9758 Datasheet(PDF) 40 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 40 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 36Page - Richtek Technology Corporation RT9758 Datasheet HTML 37Page - Richtek Technology Corporation RT9758 Datasheet HTML 38Page - Richtek Technology Corporation RT9758 Datasheet HTML 39Page - Richtek Technology Corporation RT9758 Datasheet HTML 40Page - Richtek Technology Corporation RT9758 Datasheet HTML 41Page - Richtek Technology Corporation RT9758 Datasheet HTML 42Page - Richtek Technology Corporation RT9758 Datasheet HTML 43Page - Richtek Technology Corporation RT9758 Datasheet HTML 44Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
40
Device Power Up
The device is powered by VDDA. When VDDA voltage
is higher than VDDA_UVLO Threshold, the device will
start working. The VDDA voltage can be powered by
either VBUS or VOUT and that is dominated by the
higher voltage level.
Once the RT9758 is powered, the device will active the
address detection mechanism to assign the slave
address of device and configuration mode. The slave
address of device is determined by voltage level at
ADDR pin. The criteria of address detection threshold
are shown in electrical characteristics list. After address
detection is finished, the host can communicate with the
RT9758 by I2C serial interface. Furthermore, the
reaction time during VDDA > VDDA_UVLO to I2C
release (tWAKE_UP) is around 500
sec.
The RT9758 includes a watchdog timer that is enabled
by
default.
When
the
watchdog
timer
expired,
WDT_STAT and WDT_FLAG turn to high and INT pin
is pulsed (tINT_PULL_LOW) 256
sec for interrupt the host.
After reset wait time (tWDT_WAIT) 32msec, the related
registers are reset to default values. (Refer to Register
Descriptions for detail). If the device stays in watchdog
timeout status, host can read or write any register to
return counting.
The Figure 7 shows the device power on flow with
protections, insert and indictor function activation list in
each state. In order to reduce quiescent current when
charge system is unused, the RT9758 is established
low quiescent current mode that is called present mode.
If EN pin is pulled high or floating, the RT9758 will enter
present mode for power save. In present mode, most of
sensing circuit inside the RT9758 will be turned off. In
other words, all of protection and insert function are
inactivated. However, if user desires WRX_OK function
active in present mode, user can set WRX_OK_PSM bit
and WRX_OK_EN bit both to 1 to active it.
If EN pin is pulled low and set CHG_EN bit to 0, this
condition is called standby mode. In standby mode, the
AP can catch interrupt by INT pin if specific protection
or insert is triggered. Before start charging, the AP still
can set the register values by I2C protocol in present
mode and standby mode.
VDDA > VDDA_UVLO
Device address detection
and I
2
C release
EN pin is high or
floating
Disable Sensing Circuit
for Power Save
Yes
Enable Sensing Circuit
Function Activation List :
VOUT_INSERT
VBUS_INSERT
WRX_IN_INSERT
VOUT_OVP
VBUS_OVP
TDIE_OTP
VBUS_LOW_ERR
WRX_OK
WRX_IRE_OCP (if Q0 is turned on)
VOUT_PD_EN
No
CHG_EN = 0
No
Yes
4 Operation Mode
Present Mode
Function Activation List:
WRX_IN INSERT
(if WRX_O K_PSM bit set to 1)
WRX_OK
(if WRX_O K_PSM bit an d WRX_O K_EN bit set to 1)
VOUT_PD_EN
Standby Mode
Function Activation List :
VOUT_INSERT
VBUS_INSERT
WRX_IN_INSERT
WRX_OK
Refer to Table 2.
VOUT_PD_EN
Figure 7. Device Power On Flow with Protections, Insert and Indicator Function Activation List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com