Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCTA25201B-R33MS6 Datasheet(PDF) 26 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 26 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 22Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 23Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 24Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 25Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 26Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 27Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 28Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 29Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 30Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DSQ2134-QA-02
May
2022
26
Table 3. I2C Register Summary
Register
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0x01
IO_CHIPNA
ME
IO_CHIPNAME
0x01
0x02
IO_CHIPVE
RSION
IO_CHIPVERSION
0x01
0x0A
IO_DIEID3
IO_DIEID3
0xFE
0x0B
IO_DIEID2
IO_DIEID2
0xDC
0x0C
IO_DIEID1
IO_DIEID1
0xBA
0x0D
IO_DIEID0
IO_DIEID0
0x98
0x0F
IO_SOFTR
ESET
Reserved
IO_SO
FTRES
ET
0x00
0x13
FLT_RECO
RDTEMP
FLT_BO
OT
Reserved
FLT_HO
TDIE
FLT_TE
MPSDR
Reserved
0x00
0x14
FLT_RECO
RDBUCK1
BUCK1_
PG
Reserved
FLT_BU
CK1_OV
FLT_BU
CK1_UV
Reserved
0x00
0x15
FLT_RECO
RDBUCK2
BUCK2_
PG
Reserved
FLT_BU
CK2_OV
FLT_BU
CK2_UV
Reserved
0x00
0x16
FLT_RECO
RDBUCK3
BUCK3_
PG
Reserved
FLT_BU
CK3_OV
FLT_BU
CK3_UV
Reserved
0x00
0x22
IO_I2CCFG Reserved
IO_I2CADDR
0x18
0x25
IO_RSTDV
S
Reserved
IO_RSTDVS_CTRL
Reserved
IO_DBNTIME
0x00
0x30
FLT_OT_
CTRL
Reserved
FLT_CTR
LOT1
Reserved
0x00
0x32
FLT_MASK
TEMP
FLT_MA
SKBOOT
Reserved
FLT_MA
SKHD
FLT_MA
SKTSDR
Reserved
0x00
0x33
FLT_MASK
BUCK1
FLT_BU
CK1MAS
KPG
BUCK1
INTACT
FLT_BU
CK1MAS
KOV
FLT_BU
CK1MAS
KUV
Reserved
0x00
0x34
FLT_MASK
BUCK2
FLT_BU
CK2MAS
KPG
BUCK2
INTACT
FLT_BU
CK2MAS
KOV
FLT_BU
CK2MAS
KUV
Reserved
0x00
0x35
FLT_MASK
BUCK3
FLT_BU
CK3MAS
KPG
BUCK3
INTACT
FLT_BU
CK3MAS
KOV
FLT_BU
CK3MAS
KUV
Reserved
0x00
0x37
FLT_BUCK
1_CTRL
Reserved
FLT_BUC
K1_CTRL
UV
Reserved
0x0C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com