Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4045WT Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # MBR4045WT
Description  MBR4045WT SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR4045WT Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  MBR4045WT Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR4045WT Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR4045WT Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR4045WT Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MBR4045WT Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N0742, Rev. C
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR4045WT
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop
(per leg) *
VF1
@ 20A, Pulse, TJ = 25 C
@ 40A, Pulse, TJ = 25 C
0.58
-
0.70
0.80
V
VF2
@ 20A, Pulse, TJ = 125 C
@ 40A, Pulse, TJ = 125 C
0.51
-
0.60
0.75
V
Reverse Current (per leg) *
IR1
@VR = rated VR
TJ = 25 C
0.05
1.0
mA
IR2
@VR = rated VR
TJ = 100 C
9
50
mA
IR3
@VR = rated VR
TJ = 125 C
35
85
mA
Junction Capacitance
(per leg)
CT
@VR = 5 V, TC = 25 C
fSIG = 1MHz
650
1100
pF
Typical Series Inductance
(per leg)
LS
Measured lead to lead 5 mm from package
body
7.5
-
nH
Voltage Rate of Change
dv/dt
-
-
10,000
V/s
* Pulse width < 300 µs, duty cycle < 2%
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
C
Storage Temperature
Tstg
-
-55 to +175
C
Typical Thermal Resistance
Junction to Case
RJC
DC operation
1.4
C/W
Typical Thermal
Resistance, Case to Heat Sink
RCS
Mounting surface, smooth and greased
0.7
C/W
Approximate Weight
wt
-
6
g
Case Style
TO-247AD
Electrical Characteristics:
Thermal-Mechanical Specifications:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com