Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4060CT Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MBR4060CT
Description  MBR4060CT/MBRB4060CT/MBR4060CT-1 SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR4060CT Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MBR4060CT Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR4060CT Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR4060CT Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR4060CT Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MBR4060CT Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N0178, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR4060CT
MBRB4060CT
MBR4060CT-1
MBR4060CT/MBRB4060CT/MBR4060CT-1
SCHOTTKY RECTIFIER
Features
Applications
MBR4060CT
MBRB4060CT
MBR4060CT-1
TO-220AB
D2PAK
TO-262
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
60
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=105°C,
rectangular wave form
20(Per Leg)
A
40(Per Device)
Peak One Cycle Non-Repetitive Surge
Current(Per Leg)
IFSM
8.3ms, Half Sine pulse, TC = 25 C
400
A
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
150 C TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request


Similar Part No. - MBR4060CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MBR4060CT CHENYI-MBR4060CT Datasheet
477Kb / 2P
40Amp schottky barrier rectifier 20to60 volts
logo
Sirectifier Global Corp...
MBR4060CT SIRECT-MBR4060CT Datasheet
141Kb / 2P
Power Schottky Rectifier - 40Amp 60Volt
logo
Kersemi Electronic Co.,...
MBR4060CT KERSEMI-MBR4060CT Datasheet
864Kb / 2P
Power Schottky Rectifier - 40Amp 60Volt
logo
Sangdest Microelectroni...
MBR4060CT SMC-MBR4060CT Datasheet
161Kb / 5P
SCHOTTKY RECTIFIER
logo
Microdiode Semiconducto...
MBR4060CT CHENDA-MBR4060CT Datasheet
667Kb / 2P
40 to 200 Volts Forward Current - 40.0 Amperes
More results

Similar Description - MBR4060CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
5817SMJ MICROSEMI-5817SMJ Datasheet
120Kb / 3P
1 Amp Schottky Rectifier
CPS140 MICROSEMI-CPS140 Datasheet
61Kb / 1P
1 Amp Schottky Rectifier
HSM150J MICROSEMI-HSM150J Datasheet
92Kb / 2P
1 Amp Schottky Rectifier
HSM180G MICROSEMI-HSM180G Datasheet
92Kb / 2P
1 Amp Schottky Rectifier
MSG140 MICROSEMI-MSG140 Datasheet
88Kb / 2P
1 Amp Schottky Rectifier
MS110 MICROSEMI-MS110 Datasheet
104Kb / 2P
1 Amp Schottky Rectifier
logo
International Rectifier
MBRS130LTRPBF IRF-MBRS130LTRPBF Datasheet
111Kb / 6P
SCHOTTKY RECTIFIER 1 Amp
logo
Vishay Siliconix
MBR150 VISHAY-MBR150_12 Datasheet
120Kb / 6P
Schottky Rectifier, 1 A
20-Sep-11
MBR1100 VISHAY-MBR1100_12 Datasheet
118Kb / 6P
Schottky Rectifier, 1 A
21-Sep-11
logo
Nanjing International G...
SMD1200PL-1A-SOD-123FL DGNJDZ-SMD1200PL-1A-SOD-123FL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com