Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2012D2RTJ Datasheet(PDF) 13 Page - Texas Instruments

Part # TPA2012D2RTJ
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2RTJ Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA2012D2RTJ Datasheet HTML 9Page - Texas Instruments TPA2012D2RTJ Datasheet HTML 10Page - Texas Instruments TPA2012D2RTJ Datasheet HTML 11Page - Texas Instruments TPA2012D2RTJ Datasheet HTML 12Page - Texas Instruments TPA2012D2RTJ Datasheet HTML 13Page - Texas Instruments TPA2012D2RTJ Datasheet HTML 14Page - Texas Instruments TPA2012D2RTJ Datasheet HTML 15Page - Texas Instruments TPA2012D2RTJ Datasheet HTML 16Page - Texas Instruments TPA2012D2RTJ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ti.com
BOARD LAYOUT
Copper
Trace Width
Solder Mask
Thickness
Solder
Pad Width
Solder Mask
Opening
Copper Trace
Thickness
Component Location
TPA2012D2
SLOS438C – DECEMBER 2004 – REVISED MARCH 2007
In making the pad size for the WCSP balls, it is recommended that the layout use nonsolder mask defined
(NSMD) land. With this method, the solder mask opening is made larger than the desired land area, and the
opening size is defined by the copper pad width. Figure 36 and Table 2 shows the appropriate diameters for a
WCSP layout. The TPA2012D2 evaluation module (EVM) layout is shown in the next section as a layout
example.
Figure 36. Land Pattern Dimensions
Table 2. Land Pattern Dimensions(1)(2)(3)(4)
SOLDER PAD
COPPER
SOLDER MASK (5)
COPPER
STENCIL (6)(7)
STENCIL
DEFINITIONS
PAD
OPENING
THICKNESS
OPENING
THICKNESS
Nonsolder mask
275
µm
275
µm x 275 µm Sq.
375
µm (+0.0, -25 µm)
1 oz max (32
µm)
125
µm thick
defined (NSMD)
(+0.0, -25
µm)
(rounded corners)
(1)
Circuit traces from NSMD defined PWB lands should be 75
µm to 100 µm wide in the exposed area inside the solder mask opening.
Wider trace widths reduce device stand off and impact reliability.
(2)
Best reliability results are achieved when the PWB laminate glass transition temperature is above the operating the range of the
intended application.
(3)
Recommend solder paste is Type 3 or Type 4.
(4)
For a PWB using a Ni/Au surface finish, the gold thickness should be less 0.5 mm to avoid a reduction in thermal fatigue performance.
(5)
Solder mask thickness should be less than 20
µm on top of the copper circuit pattern
(6)
Best solder stencil performance is achieved using laser cut stencils with electro polishing. Use of chemically etched stencils results in
inferior solder paste volume control.
(7)
Trace routing away from WCSP device should be balanced in X and Y directions to avoid unintentional component movement due to
solder wetting forces.
Place all the external components very close to the TPA2012D2. Placing the decoupling capacitor, CS, close to
the TPA2012D2 is important for the efficiency of the Class-D amplifier. Any resistance or inductance in the trace
between the device and the capacitor can cause a loss in efficiency.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com