Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCL6010 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL6010
Description  1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL6010 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCL6010 Datasheet HTML 10Page - Texas Instruments CDCL6010 Datasheet HTML 11Page - Texas Instruments CDCL6010 Datasheet HTML 12Page - Texas Instruments CDCL6010 Datasheet HTML 13Page - Texas Instruments CDCL6010 Datasheet HTML 14Page - Texas Instruments CDCL6010 Datasheet HTML 15Page - Texas Instruments CDCL6010 Datasheet HTML 16Page - Texas Instruments CDCL6010 Datasheet HTML 17Page - Texas Instruments CDCL6010 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
www.ti.com
Byte 6:
Byte 7:
CDCL6010
SLLS780 – FEBRUARY 2007
Power Up
Bit
Bit Name
Description/Function
Type
Condition
Reference To
7
ENDRV3
YP[3], YN[3] enable; if 0 output is disabled
R/W
1
6
ENDRV2
YP[2], YN[2] enable; if 0 output is disabled
R/W
1
5
ENDRV1
YP[1], YN[1] enable; if 0 output is disabled
R/W
1
4
ENDRV0
YP[0], YN[0] enable; if 0 output is disabled
R/W
1
3
SELBW[3]
PLL BW select; if 1 external loop filter is expected
R/W
0
Table 6
2
SELBW[2]
PLL BW select; if 1 external loop filter is expected
R/W
0
Table 6
1
SELBW[1]
PLL BW select; if 1 external loop filter is expected
R/W
0
Table 6
0
SELBW[0]
PLL BW select; if 1 external loop filter is expected
R/W
0
Table 6
Bit
Power Up
Bit
Name
Description/Function
Type
Condition
Reference To
7
ENPLL
PLL enable; if 0 PLL is switched off
R/W
1
6
RES
Reserved
R/W
0
5
SELM[1]
Divide ratio select for input clock CLKP and CLKN
R/W
0
Table 3
4
SELM[0]
Divide ratio select for input clock CLKP and CLKN
R/W
0
Table 3
3
SELN[3]
Divide ratio select for pre-divider N (PLL clock)
R/W
1
Table 2
2
SELN[2]
Divide ratio select for pre-divider N (PLL clock)
R/W
0
Table 2
1
SELN[1]
Divide ratio select for pre-divider N (PLL clock)
R/W
0
Table 2
0
SELN[0]
Divide ratio select for pre-divider N (PLL clock)
R/W
1
Table 2
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com