Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7809ACP Datasheet(PDF) 26 Page - STMicroelectronics

Part # L7809ACP
Description  Precision 1A regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809ACP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L7809ACP Datasheet HTML 20Page - STMicroelectronics L7809ACP Datasheet HTML 21Page - STMicroelectronics L7809ACP Datasheet HTML 22Page - STMicroelectronics L7809ACP Datasheet HTML 23Page - STMicroelectronics L7809ACP Datasheet HTML 24Page - STMicroelectronics L7809ACP Datasheet HTML 25Page - STMicroelectronics L7809ACP Datasheet HTML 26Page - STMicroelectronics L7809ACP Datasheet HTML 27Page - STMicroelectronics L7809ACP Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Order code
L7800AB/AC series
26/28
7
Order code
Table 14.
Order code
Part numbers
Packaging
Output voltage
TO-220
TO-220FP
D2PAK
L7805AB
L7805ABV
L7805ABP
L7805ABD2T-TR
5 V
L7805AC
L7805ACV
L7805ACP
L7805ACD2T-TR
5 V
L7806AB
L7806ABV
L7806ABP (1)
1.
Available on request.
L7806ABD2T-TR
6 V
L7806AC
L7806ACV
L7806ACP (1)
L7806ACD2T-TR
6 V
L7808AB
L7808ABV
L7808ABP
L7808ABD2T-TR
8 V
L7808AC
L7808ACV
L7808ACP
L7808ACD2T-TR
8 V
L7809AB
L7809ABV
L7809ABP
L7809ABD2T-TR
9 V
L7809AC
L7809ACV
L7809ACP
L7809ACD2T-TR
9 V
L7812AB
L7812ABV
L7812ABP(1)
L7812ABD2T-TR
12 V
L7812AC
L7812ACV
L7812ACP
L7812ACD2T-TR
12 V
L7815AB
L7815ABV
L7815ABP
L7815ABD2T-TR
15 V
L7815AC
L7815ACV
L7815ACP (1)
L7815ACD2T-TR
15 V
L7818AB
L7818ABV
L7818ABP
L7818ABD2T-TR (1)
18 V
L7818AC
L7818ACV
L7818ACP (1)
L7818ACD2T-TR (1)
18 V
L7820AB
L7820ABV (1)
L7820ABP (1)
L7820ABD2T-TR (1)
20 V
L7820AC
L7820ACV
L7820ACP (1)
L7820ACD2T-TR (1)
20 V
L7824AB
L7824ABV
L7824ABP
L7824ABD2T-TR (1)
24 V
L7824AC
L7824ACV
L7824ACP (1)
L7824ACD2T-TR (1)
24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com