Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D44H11 Datasheet(PDF) 1 Page - STMicroelectronics

Part # D44H11
Description  NPN SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D44H11 Datasheet(HTML) 1 Page - STMicroelectronics

  D44H11 Datasheet HTML 1Page - STMicroelectronics D44H11 Datasheet HTML 2Page - STMicroelectronics D44H11 Datasheet HTML 3Page - STMicroelectronics D44H11 Datasheet HTML 4Page - STMicroelectronics D44H11 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D44H8
D44H11
NPN SILICON POWER TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
LOW COLLECTOR-EMITTER SATURATION
VOLTAGE
s
FAST SWITCHING SPEED
APPLICATIONS
s
GENERAL PURPOSE SWITCHING
s
GENERAL PURPOSE AMPLIFIER
DESCRIPTION
The
D44H8,
and
D44H11
are
silicon
Multiepitaxial Planar NPN transistors mounted in
Jedec TO-220 plastic package.
They are inteded for various switching and
general purpose applications.
D44H8, D44H11 are complementary with D45H8,
D45H11.
®
INTERNAL SCHEMATIC DIAGRAM
July 2002
1
2
3
TO-220
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
D44H8
D44H11
VCEO
Collector-Emitter Voltage (IB = 0)
60
80
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
10
A
ICM
Collector Peak Current
20
A
Ptot
Total Dissipation at Tc
≤ 25 oC
50
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1/5


Similar Part No. - D44H11

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
D44H11 MOSPEC-D44H11 Datasheet
157Kb / 3P
POWER TRANSISTORS(10A,30-80V,50W)
logo
ON Semiconductor
D44H11 ONSEMI-D44H11 Datasheet
103Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
November, 2014 ??Rev. 13
logo
STMicroelectronics
D44H11 STMICROELECTRONICS-D44H11 Datasheet
62Kb / 5P
NPN SILICON POWER TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
D44H11 BOCA-D44H11 Datasheet
163Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H11 ONSEMI-D44H11 Datasheet
68Kb / 5P
Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
More results

Similar Description - D44H11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com