Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72104G2B6/XXX Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST72104G2B6/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2B6/XXX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72104G2B6/XXX Datasheet HTML 5Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 6Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 7Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 8Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 9Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 10Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 11Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 12Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
9/140
Notes:
1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up
column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input,
else the configuration is floating interrupt input.
2. In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD
are not implemented). See Section 10 "I/O PORTS" on page 30 and Section 14.8 "I/O PORT PIN CHAR-
ACTERISTICS" on page 118 for more details.
3. OSC1 and OSC2 pins connect a crystal or ceramic resonator, an external RC, or an external source to
the on-chip oscillator see Section 2 "PIN DESCRIPTION" on page 7 and Section 14.5 "CLOCK AND TIM-
ING CHARACTERISTICS" on page 105 for more details.
17 15 PC2/MCO/AIN2
I/O
CT
X
ei0/ei1
X
X
X
Port C2
Main clock output (fCPU) or
ADC Analog Input 2
18 16 PC1/OCMP1_B/AIN1
I/O
CT
X
ei0/ei1
X
X
X
Port C1
Timer B Output Compare 1 or
ADC Analog Input 1
19 17 PC0/ICAP1_B/AIN0
I/O
CT
X
ei0/ei1
X
X
X
Port C0
Timer B Input Capture 1 or
ADC Analog Input 0
20 18 PA7
I/O CT HS X
ei0
X
X
Port A7
21 19 PA6 /SDAI
I/O CT HS X
ei0
T
Port A6
I
2C Data
22 20 PA5
I/O CT HS X
ei0
X
X
Port A5
23 21 PA4 /SCLI
I/O CT HS X
ei0
T
Port A4
I
2C Clock
24
NC
Not Connected
25
NC
26 22 PA3
I/O CT HS X
ei0
X
X
Port A3
27 23 PA2
I/O CT HS X
ei0
X
X
Port A2
28 24 PA1
I/O CT HS X
ei0
X
X
Port A1
29 25 PA0
I/O CT HS X
ei0
X
X
Port A0
30 26 ISPSEL
I
C
X
In situ programming selection (Should be tied
low in standard user mode).
31 27 VSS
S
Ground
32 28 VDD
S
Main power supply
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com