Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72104G2M3/XXX Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 68Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 69Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 70Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 71Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 72Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 73Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 74Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 75Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
72/140
SERIAL PERIPHERAL INTERFACE (Cont’d)
Table 16. SPI Register Map and Reset Values
Address
(Hex.)
Register
Label
765
43
21
0
0021h
SPIDR
Reset Value
MSB
xx
x
x
x
x
x
LSB
x
0022h
SPICR
Reset Value
SPIE
0
SPE
0
SPR2
0
MSTR
0
CPOL
x
CPHA
x
SPR1
x
SPR0
x
0023h
SPISR
Reset Value
SPIF
0
WCOL
00
MODF
00
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com