Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST13007D Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST13007D
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13007D Datasheet(HTML) 2 Page - STMicroelectronics

  ST13007D Datasheet HTML 1Page - STMicroelectronics ST13007D Datasheet HTML 2Page - STMicroelectronics ST13007D Datasheet HTML 3Page - STMicroelectronics ST13007D Datasheet HTML 4Page - STMicroelectronics ST13007D Datasheet HTML 5Page - STMicroelectronics ST13007D Datasheet HTML 6Page - STMicroelectronics ST13007D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
1.56
62.5
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 700 V
VCE = 700 V
Tc = 100
oC
10
0.5
µA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 400 V
100
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 9 V
100
µA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 10 mA
400
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 2 A
IB = 0.4 A
IC = 5 A
IB = 1 A
IC = 8 A
IB = 2 A
IC = 5 A
IB = 1 A
Tc = 100
oC
0.8
1.5
2
3
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 2 A
IB = 0.4 A
IC = 5 A
IB = 1 A
IC = 5 A
IB = 1 A
Tc = 100
oC
1.2
1.6
1.5
V
V
V
hFE
∗
DC Current Gain
IC = 2 A
VCE = 5 V
IC = 5 A
VCE = 5 V
18
8
40
25
Vf
Diode Forward
Voltage
IC = 3 A
2.5
V
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 5 A
VCL = 250 V RBB = 0
Ω
IB1 = 1 A
VBE(off) = -5 V
L = 200
µH (see figure 1)
1.7
90
2.3
150
µs
ns
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 5 A
VCL = 250 V RBB = 0
Ω
ΙB1 = 1 A
VBE(off) = -5 V
L = 200
µH TC = 125 oC
(see figure 1)
2.2
150
µs
ns
* Pulsed: Pulse duration = 300
µs, duty cycle 2 %.
ST13007D
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com