Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # DSP56004
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  DSP56004 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
DSP56004
DSP56004ROM
Order this document by:
DSP56004/D, Rev. 3
©1996, 1997 MOTOROLA, INC.
SYMPHONY™ AUDIO DSP FAMILY
24-BIT DIGITAL SIGNAL PROCESSORS
Motorola designed the Symphony™ family of high-performance, programmable Digital Signal
Processors (DSPs) to support a variety of digital audio applications, including Dolby ProLogic,
ATRAC, and Lucasfilm Home THX processing. Software for these applications is licensed by
Motorola for integration into products like audio/video receivers, televisions, and automotive
sound systems with such user-developed features as digital equalization and sound field
processing. The DSP56004 is an MPU-style general purpose DSP, composed of an efficient 24-bit
Digital Signal Processor core, program and data memories, various peripherals optimized for
audio, and support circuitry. As illustrated in Figure 1, the DSP56000 core family compatible
DSP is fed by program memory, two independent data RAMs and two data ROMs, a Serial
Audio Interface (SAI), Serial Host Interface (SHI), External Memory Interface (EMI), dedicated
I/O lines, on-chip Phase Lock Loop (PLL), and On-Chip Emulation (OnCE
™) port.
Figure 1 DSP56004 Block Diagram
Y Data
Memory*
X Data
Memory*
Program
Memory*
Program Control Unit
24-Bit
DSP56000
Core
OnCETM Port
PLL
Clock
Gen.
4
9
5
29
16-Bit Bus
24-Bit Bus
Interrupt
Control
4
IRQA
, IRQB, NMI, RESET
4
3
Address
Generation
Unit
PAB
XAB
YAB
GDB
PDB
XDB
YDB
General
Purpose
Input/
Output
External
Memory
Interface
(EMI)
Serial
Audio
Interface
(SAI)
Serial
Host
Interface
(SHI)
AA0248
*Refer to Table 1 for memory configurations.
Internal
Data
Bus
Switch
Program
Decode
Controller
Program
Address
Generator
Data ALU
24
× 24 + 56 → 56-bit MAC
Two 56-Bit Accumulators
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP56004

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56004 NXP-DSP56004 Datasheet
909Kb / 82P
SYMPHONY™AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
Rev. 3
DSP56004/D NXP-DSP56004/D Datasheet
909Kb / 82P
SYMPHONY™AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
Rev. 3
DSP56004FJ50 NXP-DSP56004FJ50 Datasheet
909Kb / 82P
SYMPHONY™AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
Rev. 3
DSP56004FJ66 NXP-DSP56004FJ66 Datasheet
909Kb / 82P
SYMPHONY™AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
Rev. 3
DSP56004FJ81 NXP-DSP56004FJ81 Datasheet
909Kb / 82P
SYMPHONY™AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
Rev. 3
More results

Similar Description - DSP56004

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
24-Bit Audio Digital Signal Processor
DSP56724 FREESCALE-DSP56724 Datasheet
830Kb / 48P
Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
logo
Cirrus Logic
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
32-bit Audio DSP Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
32-bit Audio Decoder DSP Family
logo
Texas Instruments
TAS3108 TI1-TAS3108 Datasheet
1Mb / 63P
AUDIO DIGITAL SIGNAL PROCESSORS
TAS3108DCPR TI1-TAS3108DCPR Datasheet
1Mb / 63P
AUDIO DIGITAL SIGNAL PROCESSORS
TAS3108 TI1-TAS3108_14 Datasheet
1Mb / 63P
AUDIO DIGITAL SIGNAL PROCESSORS
logo
NXP Semiconductors
DSP56007 NXP-DSP56007 Datasheet
951Kb / 83P
SYMPHONYTM AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
1996, 1997
DSP56004 NXP-DSP56004 Datasheet
909Kb / 82P
SYMPHONY™AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com