Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1053 Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC1053
Description  1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 1 Page - SMSC Corporation

  EMC1053_07 Datasheet HTML 1Page - SMSC Corporation EMC1053_07 Datasheet HTML 2Page - SMSC Corporation EMC1053_07 Datasheet HTML 3Page - SMSC Corporation EMC1053_07 Datasheet HTML 4Page - SMSC Corporation EMC1053_07 Datasheet HTML 5Page - SMSC Corporation EMC1053_07 Datasheet HTML 6Page - SMSC Corporation EMC1053_07 Datasheet HTML 7Page - SMSC Corporation EMC1053_07 Datasheet HTML 8Page - SMSC Corporation EMC1053_07 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SMSC EMC1053
DATASHEET
Revision 1.37 (02-05-07)
Datasheet
PRODUCT FEATURES
EMC1053
1°C Triple Temperature
Sensor with Resistance
Error Correction &
Hotter of Two Zones
GENERAL DESCRIPTION
The EMC1053 is a System Management Bus (SMBus)
temperature sensor that monitors three temperature
zones, one internal diode and two externally connected
diodes, for PC and embedded environments. The
EMC1053 includes resistance error correction and
ideality factor configuration to eliminate major sources of
temperature measurement error.1
An added feature to the EMC1053 is a function that
automatically compares the two external temperature
zones and reports the hotter of the two temperatures.
Selectable conversion rates and standby mode support
low-power operation. The temperature measurement
ranges support two data ranges (and formats), -64°C to
+127°C and -64°C to +191°C.
APPLICATIONS
Desktop and Notebook Computers
Hardware Management
Servers
Embedded Applications
FEATURES
Supports two External Temperature Diodes
±1°C Accuracy (40°C to 80°C)
— 0.125
°C Resolution
— Ideality Factor Configuration
— Accepts 2200pF Cap Across External Diodes for Noise
Suppression
— Optional Resistive Error Correction on External Diode 2
— Resistive Error Correction (up to 100 Ohms)
— Selectable Beta Compensation for Substrate Diodes
Internal Temperature Diode
±3°C Accuracy (0°C to 85°C)
— 0.125
°C Resolution
Low Power Operation
— 4uA Standby Current
3.0V to 3.6V Supply
Programmable Conversion Rate
SMBus 2.0 Compliant
Reports Hotter of Two Diodes with Dual-core CPU
SIMPLIFIED BLOCK DIAGRAM
1.Patents pending.
Local Temp
Diode
Switching
Current
SMCLK
Internal Diode
Register
Configuration
Register
Status Register
External Diode
1 Register
External Diode
2 Register
SMDATA
11-bit
delta-sigma
ADC
DP1
DN1
DP2
DN2
Digital Mux
and
Byte Interlock


Similar Part No. - EMC1053_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1053 SMSC-EMC1053_08 Datasheet
437Kb / 28P
1째C Triple Temperature Sensor
More results

Similar Description - EMC1053_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1002 SMSC-EMC1002 Datasheet
458Kb / 4P
1C Dual SmBus Sensor with Resistance Error Correction
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1033 SMSC-EMC1033 Datasheet
514Kb / 4P
1 C Triple SMBus Sensor with Resistance Error Correction
EMC1043 SMSC-EMC1043 Datasheet
574Kb / 28P
1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1023 SMSC-EMC1023 Datasheet
436Kb / 19P
1째C Triple Temperature Sensor with Resistance Error Correction
EMC1063 SMSC-EMC1063 Datasheet
551Kb / 26P
1C Triple Temperature Sensor with Hotter of Two Zones
EMC1043 SMSC-EMC1043_07 Datasheet
593Kb / 29P
1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1002 SMSC-EMC1002_06 Datasheet
792Kb / 22P
1째C Dual SMBus Sensor with Resistance Error Correction
EMC1023 SMSC-EMC1023_07 Datasheet
431Kb / 19P
1째C Triple Temperature Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033_07 Datasheet
824Kb / 25P
1째C Triple SMBus Sensor with Resistance Error Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com