Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6902D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6902D
Description  UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6902D Datasheet(HTML) 3 Page - STMicroelectronics

  L6902D Datasheet HTML 1Page - STMicroelectronics L6902D Datasheet HTML 2Page - STMicroelectronics L6902D Datasheet HTML 3Page - STMicroelectronics L6902D Datasheet HTML 4Page - STMicroelectronics L6902D Datasheet HTML 5Page - STMicroelectronics L6902D Datasheet HTML 6Page - STMicroelectronics L6902D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
L6902D
Figure 4. Internal Block Diagram
Table 5. Electrical Characteristcs
(Tj = 25°C, VCC = 12V, unless otherwise specified.) (•) Specification Referred to Tj from 0 to 125°C.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Operating input voltage range
VO = 1.235V; IO = 1A
8
36
V
Vd
Dropout voltage
VCC = 8V; IO = 1A
0.25
0.5
V
IO
Operating charging current
Rsense = 0.1Ω
0.9511.05
A
0.92
1.08
A
Il
Maximum limiting current
VCC = 8V to 36V
2
2.5
3.2
A
fs
Switching frequency
212
250
287
kHz
225
250
275
kHz
d
Duty cycle
0
100
%
DYNAMIC CHARACTERISTICS
V5
Voltage feedback (FB)
8V < VCC < 36V,
20mA < IO < 1A
1.21
1.235
1.259
V
1.198
1.235
1.272
V
η
Efficiency
VO = 5V, VCC = 12V
90
%
DC CHARACTERISTICS
Iqop
Total operating quiescent
current
•3
5
mA
Iq
Quiescent current
Duty cycle = 0; VFB = 1.5V
3
mA
VREF
GOOD
3.8V
COMP
VFB
DRIVER
INHIBIT
+
-
1.235V
E/A
1.235V
THERMAL
SHUTDOWN
-
+
PWM
OSCILLATOR
OUT
Vcc
GND
Vref
SUPPLY
TRIMMING
FREQUENCY
SHIFTER
VOLTAGES
MONITOR
D
Q
CK
CURRENT LIMITING
PEAK TO PEAK
+
-
Current_E/A
Voltage_E/A
CS-
CS+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com