Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T86 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M48T86
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M48T86_07 Datasheet HTML 12Page - STMicroelectronics M48T86_07 Datasheet HTML 13Page - STMicroelectronics M48T86_07 Datasheet HTML 14Page - STMicroelectronics M48T86_07 Datasheet HTML 15Page - STMicroelectronics M48T86_07 Datasheet HTML 16Page - STMicroelectronics M48T86_07 Datasheet HTML 17Page - STMicroelectronics M48T86_07 Datasheet HTML 18Page - STMicroelectronics M48T86_07 Datasheet HTML 19Page - STMicroelectronics M48T86_07 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Clock operations
M48T86
16/36
Interrupts
The RTC plus RAM includes three separate, fully automatic sources of interrupt (alarm,
periodic, update-in-progress) available to a processor. The alarm interrupt can be
programmed to occur at rates from once per second to once per day. The periodic interrupt
can be selected from rates of 500ms to 122µs. The update-ended interrupt can be used to
indicate that an update cycle has completed.
The processor program can select which interrupts, if any, are going to be used. Three bits
in Register B enable the interrupts. Writing a logic '1' to an interrupt-enable bit (Register B;
Bit 6 = PIE; Bit 5 = AIE; Bit 4 = UIE) permits an interrupt to be initialized when the event
occurs. A '0' in an interrupt-enable bit prohibits the IRQ pin from being asserted from that
interrupt condition. If an interrupt flag is already set when an interrupt is enabled, IRQ is
immediately set at an active level, although the interrupt initiating the event may have
occurred much earlier. As a result, there are cases where the program should clear such
earlier initiated interrupts before first enabling new interrupts.
When an interrupt event occurs, the related flag bit (Register C; Bit 6 = PF; Bit 5 = AF; Bit 4
= UF) is set to a logic '1.' These flag bits are set independent of the state of the
corresponding enable bit in Register B and can be used in a polling mode without enabling
the corresponding enable bits. The interrupt flag bits are status bits which software can
interrogate as necessary.
When a flag is set, an indication is given to software that an interrupt event has occurred
since the flag bit was last read; however, care should be taken when using the flag bits as all
are cleared each time Register C is read. Double latching is included with Register C so that
bits which are set remain stable throughout the READ cycle. All bits which are set high are
cleared when read. Any new interrupts which are pending during the READ cycle are held
until after the cycle is completed. One, two, or three bits can be set when reading Register
C. Each utilized flag bit should be examined when read to ensure that no interrupts are lost.
The second flag bit usage method is with fully enabled interrupts. When an interrupt flag bit
is set and the corresponding enable bit is also set, the IRQ pin is asserted low. IRQ is
asserted as long as at least one of the three interrupt sources has its flag and enable bits
both set. The IRQF Bit (Register C; Bit 7) is a '1' whenever the IRQ pin is being driven low.
Determination that the RTC initiated an interrupt is accomplished by reading Register C. A
logic '1' in the IRQF Bit indicates that one or more interrupts have been initiated by the
M48T86. The act of reading Register C clears all active flag bits and the IRQF Bit.
Periodic interrupt
The periodic interrupt will cause the IRQ pin to go to an active state from once every 500ms
to once every 122µs. This function is separate from the alarm interrupt which can be output
from once per second to once per day. The periodic interrupt rate is selected using the
same Register A bits which select the square wave frequency (see Table 4 on page 18).
Changing the Register A bits affects both the square wave frequency and the periodic
interrupt output. However, each function has a separate enable bit in Register B. The
periodic interrupt is enabled by the PIE Bit (Register B; Bit 6). The periodic interrupt can be
used with software counters to measure inputs, create output intervals, or await the next
needed software function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com