Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72C104G2B7 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST72C104G2B7
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C104G2B7 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST72C104G2B7 Datasheet HTML 18Page - STMicroelectronics ST72C104G2B7 Datasheet HTML 19Page - STMicroelectronics ST72C104G2B7 Datasheet HTML 20Page - STMicroelectronics ST72C104G2B7 Datasheet HTML 21Page - STMicroelectronics ST72C104G2B7 Datasheet HTML 22Page - STMicroelectronics ST72C104G2B7 Datasheet HTML 23Page - STMicroelectronics ST72C104G2B7 Datasheet HTML 24Page - STMicroelectronics ST72C104G2B7 Datasheet HTML 25Page - STMicroelectronics ST72C104G2B7 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
22/140
7.4 CLOCK SECURITY SYSTEM (CSS)
The Clock Security System (CSS) protects the
ST7 against main clock problems. To allow the in-
tegration of the security features in the applica-
tions, it is based on a clock filter control and an In-
ternal safe oscillator. The CSS can be enabled or
disabled by option byte.
7.4.1 Clock Filter Control
The clock filter is based on a clock frequency limi-
tation function.
This filter function is able to detect and filter high
frequency spikes on the ST7 main clock.
If the oscillator is not working properly (e.g. work-
ing at a harmonic frequency of the resonator), the
current active oscillator clock can be totally fil-
tered, and then no clock signal is available for the
ST7 from this oscillator anymore. If the original
clock source recovers, the filtering is stopped au-
tomatically and the oscillator supplies the ST7
clock.
7.4.2 Safe Oscillator Control
The safe oscillator of the CSS block is a low fre-
quency back-up clock source (see Figure 13).
If the clock signal disappears (due to a broken or
disconnected resonator...) during a safe oscillator
period, the safe oscillator delivers a low frequency
clock signal which allows the ST7 to perform some
rescue operations.
Automatically, the ST7 clock source switches back
from the safe oscillator if the original clock source
recovers.
Limitation detection
The automatic safe oscillator selection is notified
by hardware setting the CSSD bit of the CRSR
register. An interrupt can be generated if the CS-
SIE bit has been previously set.
These two bits are described in the CRSR register
description.
7.4.3 Low Power Modes
7.4.4 Interrupts
The CSS interrupt event generates an interrupt if
the corresponding Enable Control Bit (CSSIE) is
set and the interrupt mask in the CC register is re-
set (RIM instruction).
Note 1: This interrupt allows to exit from active-halt
mode if this mode is available in the MCU.
Figure 13. Clock Filter Function and Safe Oscillator Function
Mode
Description
WAIT
No effect on CSS. CSS interrupt cause the
device to exit from Wait mode.
HALT
The CRSR register is frozen. The CSS (in-
cluding the safe oscillator) is disabled until
HALT mode is exited. The previous CSS
configuration resumes when the MCU is
woken up by an interrupt with “exit from
HALT mode” capability or from the counter
reset value when the MCU is woken up by a
RESET.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt1)
CSS event detection
(safe oscillator acti-
vated as main clock)
CSSD
CSSIE
Yes
No
fOSC/2
fCPU
fOSC/2
fCPU
fSFOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com