Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B190NF04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # B190NF04
Description  N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B190NF04 Datasheet(HTML) 1 Page - STMicroelectronics

  B190NF04 Datasheet HTML 1Page - STMicroelectronics B190NF04 Datasheet HTML 2Page - STMicroelectronics B190NF04 Datasheet HTML 3Page - STMicroelectronics B190NF04 Datasheet HTML 4Page - STMicroelectronics B190NF04 Datasheet HTML 5Page - STMicroelectronics B190NF04 Datasheet HTML 6Page - STMicroelectronics B190NF04 Datasheet HTML 7Page - STMicroelectronics B190NF04 Datasheet HTML 8Page - STMicroelectronics B190NF04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2006
Rev 2
1/16
16
STP190NF04
STB190NF04 - STB190NF04-1
N-channel 40V - 0.0039
Ω - 120A - D2PAK/I2PAK/TO-220
STripFET™ III Power MOSFET
General features
■ Standard threshold drive
■ 100% avalanche tested
Description
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STP190NF04
40V
<0.0043
Ω
120A
STB190NF04
40V
<0.0043
Ω
120A
STB190NF04-1
40V
<0.0043
Ω
120A
D2PAK
1
2
3
1
3
1
2
3
I2PAK
TO-220
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB190NF04T4
B190NF04
D2PAK
Tape & reel
STB190NF04-1
B190NF04
I2PAK
Tube
STP190NF04
P190NF04
TO-220
Tube


Similar Part No. - B190NF04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B190 DIODES-B190 Datasheet
64Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. B-2
logo
Lite-On Technology Corp...
B190 LITEON-B190 Datasheet
36Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B190 WEITRON-B190 Datasheet
94Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B190 DIODES-B190 Datasheet
361Kb / 3P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 6 - 2
B190-13 DIODES-B190-13 Datasheet
101Kb / 4P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 10 - 2
More results

Similar Description - B190NF04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Feb-2002
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STB270N4F3 STMICROELECTRONICS-STB270N4F3 Datasheet
450Kb / 15P
N-channel 40V - 2.1m ohm - 160A - TO-220 - D2PAK - I2PAK STripFE TM Power MOSFET
07-Feb-2007
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
21-Feb-2007
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
N-channel 40V - 0.0035Ω - 120A - D2PAK - TO-220 planar STripFET™Power MOSFET
02-Oct-2007
STB185N55F3 STMICROELECTRONICS-STB185N55F3 Datasheet
335Kb / 14P
N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET??Power MOSFET
28-Jun-2007
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
25-Sep-2007
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com