Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T86PC1TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # M48T86PC1TR
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86PC1TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M48T86PC1TR Datasheet HTML 18Page - STMicroelectronics M48T86PC1TR Datasheet HTML 19Page - STMicroelectronics M48T86PC1TR Datasheet HTML 20Page - STMicroelectronics M48T86PC1TR Datasheet HTML 21Page - STMicroelectronics M48T86PC1TR Datasheet HTML 22Page - STMicroelectronics M48T86PC1TR Datasheet HTML 23Page - STMicroelectronics M48T86PC1TR Datasheet HTML 24Page - STMicroelectronics M48T86PC1TR Datasheet HTML 25Page - STMicroelectronics M48T86PC1TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Clock operations
M48T86
22/36
PF: periodic interrupt flag
The Periodic Interrupt Flag (PF) is a “Read only” bit which is set to a '1' when an edge is
detected on the selected tap of the divider chain. The RS3-RS0 bits establish the periodic
rate. PF is set to a '1' independent of the state of the PIE Bit. The IRQ signal is active and
will set the IRQF Bit. The PF Bit is cleared by a RST or a software READ of Register C.
AF: alarm flag
A '1' in the AF (Alarm Interrupt Flag) Bit indicates that the current time has matched the
alarm time. If the AIE Bit is also a '1,' the IRQ pin will go low and a '1' will appear in the IRQF
Bit. A RST or a READ of Register C will clear AF.
UF: update ended interrupt flag
The Update Ended Interrupt Flag (UF) Bit is set after each update cycle. When the UIE Bit is
set to a '1,' the '1' in the UF Bit causes the IRQF Bit to be a '1.' This will assert the IRQ pin.
UF is cleared by reading Register C or a RST.
BIT 0 through 3: unused bits
Bit 3 through Bit 0 are unused. These bits always read '0' and cannot be written.
Register D
VRT: valid RAM and time
The Valid RAM and Time (VRT) Bit is set to the '1' state by STMicroelectronics prior to
shipment. This bit is not writable and should always be a '1' when read. If a '0' is ever
present, an exhausted internal lithium cell is indicated and both the contents of the RTC
data and RAM data are questionable. This bit is unaffected by RST.
BIT 0 through 6: unused bits
The remaining bits of Register D are not usable. They cannot be written and when read,
they will always read '0.'
Table 7.
Register C MSB
Table 8.
Register D MSB
VCC noise and negative going transients
ICC transients, including those produced by output switching, can produce voltage
fluctuations, resulting in spikes on the VCC bus. These transients can be reduced if
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
IRQF
PF
AF
UF
0000
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
VRT
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com