Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W34NB20 Datasheet(PDF) 2 Page - STMicroelectronics

Part # W34NB20
Description  N-CHANNEL 200V - 0.062 OHM - 34A TO-247 PowerMESH MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W34NB20 Datasheet(HTML) 2 Page - STMicroelectronics

  W34NB20 Datasheet HTML 1Page - STMicroelectronics W34NB20 Datasheet HTML 2Page - STMicroelectronics W34NB20 Datasheet HTML 3Page - STMicroelectronics W34NB20 Datasheet HTML 4Page - STMicroelectronics W34NB20 Datasheet HTML 5Page - STMicroelectronics W34NB20 Datasheet HTML 6Page - STMicroelectronics W34NB20 Datasheet HTML 7Page - STMicroelectronics W34NB20 Datasheet HTML 8Page - STMicroelectronics W34NB20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STW34NB20
2/10
Table 3. Absolute Maximum Ratings
Note: 1. Pulse width limited by safe operating area
Table 4. Thermal Data
Table 5. Avalanche Characteristics
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
200
V
VDGR
Drain- gate Voltage (RGS = 20 kΩ)
200
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (cont.) at TC = 25 °C
34
A
ID
Drain Current (cont.) at TC = 100 °C
21
A
IDM
(1)
Drain Current (pulsed)
136
A
Ptot
Total Dissipation at TC = 25 °C
180
W
Derating Factor
1.44
W°/C
Tstg
Storage Temperature
-65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
Symbol
Parameter
Value
Unit
Rthj-case
Thermal Resistance Junction-case
Max
0.69
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
30
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max, δ < 1%)
34
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C; ID = IAR; VDD = 50 V)
650
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com