Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM708SDS6E Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM708SDS6E
Description  3V Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM708SDS6E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM708SDS6E Datasheet HTML 16Page - STMicroelectronics STM708SDS6E Datasheet HTML 17Page - STMicroelectronics STM708SDS6E Datasheet HTML 18Page - STMicroelectronics STM708SDS6E Datasheet HTML 19Page - STMicroelectronics STM708SDS6E Datasheet HTML 20Page - STMicroelectronics STM708SDS6E Datasheet HTML 21Page - STMicroelectronics STM708SDS6E Datasheet HTML 22Page - STMicroelectronics STM708SDS6E Datasheet HTML 23Page - STMicroelectronics STM708SDS6E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
STM706T/S/R; STM706P; STM708T/S/R
20/26
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = VRST (max) to 5.5V (except where noted).
2. VCC (min) = 1.0V for TA = 0°C to +85°C.
3. For VCC falling.
VOL
Output Low Voltage (PFO,
RST, RST, WDO)
VCC = VRST (max),
ISINK = 3.2mA
0.3
V
VOL
Output Low Voltage (RST)
ISINK = 50µA, VCC = 1.0V,
TA = 0°C to 85°C
0.3
V
ISINK = 100µA, VCC = 1.2V
0.3
V
VOH
Output High Voltage (RST,
RST, WDO)
ISOURCE = 1mA,
VCC = VRST (max)
2.4
V
Output High Voltage (PFO)
ISOURCE = 75µA,
VCC = VRST (max)
0.8VCC
V
Power-fail Comparator
VPFI
PFI Input Threshold
PFI Falling
(STM70xP/R, VCC = 3.0V;
STM70xS/T, VCC = 3.3V)
1.20
1.25
1.30
V
tPFD
PFI to PFO Propagation Delay
2
µs
Reset Thresholds
VRST
Reset Threshold(3)
STM706P/70xR
2.55
2.63
2.70
V
STM70xS
2.85
2.93
3.00
V
STM70xT
3.00
3.08
3.15
V
Reset Threshold Hysteresis
20
mV
trec
RST Pulse Width
140
200
280
ms
Push-button Reset Input
tMLMH
tMR
MR Pulse Width
VRST (max) < VCC < 3.6V
500
ns
4.5V < VCC < 5.5V
150
ns
tMLRL
tMRD
MR to RST Output Delay
VRST (max) < VCC < 3.6V
750
ns
4.5V < VCC < 5.5V
250
ns
Watchdog Timer (STM706T/S/R and STM706P)
tWD
Watchdog Timeout Period
STM706P/70xR,
VCC = 3.0V
1.12
1.60
2.24
s
STM70xS/70XT,
VCC = 3.3V
WDI Pulse Width
4.5V < VCC < 5.5V
50
ns
VRST (max) < VCC < 3.6V
100
ns
Sym
Alter-
native
Description
Test Condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com