Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM706RDS6E Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM706RDS6E
Description  3V Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706RDS6E Datasheet(HTML) 4 Page - STMicroelectronics

  STM706RDS6E Datasheet HTML 1Page - STMicroelectronics STM706RDS6E Datasheet HTML 2Page - STMicroelectronics STM706RDS6E Datasheet HTML 3Page - STMicroelectronics STM706RDS6E Datasheet HTML 4Page - STMicroelectronics STM706RDS6E Datasheet HTML 5Page - STMicroelectronics STM706RDS6E Datasheet HTML 6Page - STMicroelectronics STM706RDS6E Datasheet HTML 7Page - STMicroelectronics STM706RDS6E Datasheet HTML 8Page - STMicroelectronics STM706RDS6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
STM706T/S/R; STM706P; STM708T/S/R
4/26
SUMMARY DESCRIPTION
The STM70x Supervisors are self-contained de-
vices which provide microprocessor supervisory
functions. A precision voltage reference and com-
parator monitors the VCC input for an out-of-toler-
ance condition. When an invalid VCC condition
occurs, the reset output (RST) is forced low (or
high in the case of RST).
These devices also offer a watchdog timer (except
for STM708T/S/R) as well as a power-fail compar-
ator to provide the system with an early warning of
impending power failure.
The STM706P is identical to the STM706R, except
its reset output is active-high.
These devices are available in a standard 8-pin
SOIC package or a space-saving 8-pin TSSOP
package.
Figure 2. Logic Diagram (STM706T/S/R and
STM706P)
Note: 1. For STM706P only.
Figure 3. Logic Diagram (STM708T/S/R)
Table 2. Signal Names
Note: 1. For STM706P and STM708T/S/R only.
AI08841
VCC
STM706T/S/R,
STM706P
VSS
WDO
RST (RST)(1)
WDI
PFI
MR
PFO
AI08842
VCC
STM708T/S/R
VSS
RST
RST
MR
PFI
PFO
MR
Push-button Reset Input
WDI
Watchdog Input
WDO
Watchdog Output
RST
Active-Low Reset Output
RST(1)
Active-High Reset Output
VCC
Supply Voltage
PFI
Power-fail Input
PFO
Power-fail Output
VSS
Ground
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com