Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM706SM6F Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM706SM6F
Description  3V Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706SM6F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM706SM6F Datasheet HTML 18Page - STMicroelectronics STM706SM6F Datasheet HTML 19Page - STMicroelectronics STM706SM6F Datasheet HTML 20Page - STMicroelectronics STM706SM6F Datasheet HTML 21Page - STMicroelectronics STM706SM6F Datasheet HTML 22Page - STMicroelectronics STM706SM6F Datasheet HTML 23Page - STMicroelectronics STM706SM6F Datasheet HTML 24Page - STMicroelectronics STM706SM6F Datasheet HTML 25Page - STMicroelectronics STM706SM6F Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23/26
STM706T/S/R; STM706P; STM708T/S/R
PART NUMBERING
Table 9. Ordering Information Scheme
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Example:
STM706
T
M
6
E
Device Type
STM706
STM708
Reset Threshold Voltage
T: 3.00V
≤ VRST ≤ 3.15V
S: 2.88V
≤ VRST ≤ 3.00V
R, STM706P: 2.59V
≤ VRST ≤ 2.70V
Package
M = SO8
DS = TSSOP8
Temperature Range
6 = –40 to 85°C
Shipping Method
E = Tubes
F = Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com