Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04APW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC04APW
Description  HEX INVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC04APW Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC04APW Datasheet HTML 1Page - Texas Instruments SN74LVC04APW Datasheet HTML 2Page - Texas Instruments SN74LVC04APW Datasheet HTML 3Page - Texas Instruments SN74LVC04APW Datasheet HTML 4Page - Texas Instruments SN74LVC04APW Datasheet HTML 5Page - Texas Instruments SN74LVC04APW Datasheet HTML 6Page - Texas Instruments SN74LVC04APW Datasheet HTML 7Page - Texas Instruments SN74LVC04APW Datasheet HTML 8Page - Texas Instruments SN74LVC04APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
A
Y
SN54LVC04A, SN74LVC04A
HEX INVERTERS
SCAS281R – JANUARY 1993 – REVISED JULY 2005
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE(1)
PART NUMBER
MARKING
–40°C to 85°C
QFN – RGY
Reel of 1000
SN74LVC04ARGYR
LC04A
Tube of 50
SN74LVC04AD
SOIC – D
Reel of 2500
SN74LVC04ADR
LVC04A
Reel of 250
SN74LVC04ADT
SOP – NS
Reel of 2000
SN74LVC04ANSR
LVC04A
–40°C to 125°C
SSOP - DB
Reel of 2000
SN74LVC04ADBR
LC04A
Tube of 90
SN74LVC04APW
TSSOP – PW
Reel of 2000
SN74LVC04APWR
LC04A
Reel of 250
SN74LVC04APWT
TVSOP – DGV
Reel of 2000
SN74LVC04ADGVR
LC04A
CDIP – J
Tube of 25
SNJ54LVC04AJ
SNJ54LVC04AJ
–55°C to 125°C
CFP – W
Tube of 150
SNJ54LVC04AW
SNJ54LVC04AW
LCCC – FK
Tube of 55
SNJ54LVC04AFK
SNJ54LVC04AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(EACH INVERTER)
INPUT
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM, EACH INVERTER (POSITIVE LOGIC)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com