Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM706RM6F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM706RM6F
Description  3V Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706RM6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM706RM6F Datasheet HTML 6Page - STMicroelectronics STM706RM6F Datasheet HTML 7Page - STMicroelectronics STM706RM6F Datasheet HTML 8Page - STMicroelectronics STM706RM6F Datasheet HTML 9Page - STMicroelectronics STM706RM6F Datasheet HTML 10Page - STMicroelectronics STM706RM6F Datasheet HTML 11Page - STMicroelectronics STM706RM6F Datasheet HTML 12Page - STMicroelectronics STM706RM6F Datasheet HTML 13Page - STMicroelectronics STM706RM6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
STM706T/S/R; STM706P; STM708T/S/R
10/26
Interfacing to Microprocessors with Bi-
directional Reset Pins
Microprocessors with bi-directional reset pins can
contend with the STM70x reset output. For exam-
ple, if the reset output is driven high and the micro
wants to pull it low, signal contention will result. To
prevent this from occurring, connect a 4.7k
Ω resis-
tor between the reset output and the micro’s reset
I/O as in Figure 12.
Figure 12. Interfacing to Microprocessors with
Bi-directional Reset I/O
TYPICAL OPERATING CHARACTERISTICS
Note: Typical values are at TA = 25°C.
Figure 13. Supply Current vs. Temperature (no load)
AI08845
STM70x
RST
GND
4.7k
VCC
Microprocessor
RST
Buffered Reset to other
System Components
GND
VCC
Temperature (
°C)
AI09141b
0
5
10
15
20
25
30
–40
–20
0
20
40
60
80
100
120
VCC = 2.7V
VCC = 3.0V
VCC = 3.6V
VCC = 4.5V
VCC = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com