Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD30NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD30NF03L
Description  N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD30NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STD30NF03L_07 Datasheet HTML 1Page - STMicroelectronics STD30NF03L_07 Datasheet HTML 2Page - STMicroelectronics STD30NF03L_07 Datasheet HTML 3Page - STMicroelectronics STD30NF03L_07 Datasheet HTML 4Page - STMicroelectronics STD30NF03L_07 Datasheet HTML 5Page - STMicroelectronics STD30NF03L_07 Datasheet HTML 6Page - STMicroelectronics STD30NF03L_07 Datasheet HTML 7Page - STMicroelectronics STD30NF03L_07 Datasheet HTML 8Page - STMicroelectronics STD30NF03L_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2007
Rev 6
1/14
14
STD30NF03L
STD30NF03L-1
N-channel 30V - 0.020
Ω - 30A - DPAK/IPAK
STripFET™ II Power MOSFET
General features
■ Low threshold drive
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature
Size™" strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD30NF03L-1
30V
< 0.025
Ω
30A
STD30NF03L
30V
< 0.025
Ω
30A
DPAK
1
3
IPAK
3
2
1
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD30NF03L-1
D30NF03L
IPAK
Tube
STD30NF03LT4
D30NF03L
DPAK
Tape & reel


Similar Part No. - STD30NF03L_07

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD30NF03L-1 VBSEMI-STD30NF03L-1 Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
STD30NF03LTT4 STMICROELECTRONICS-STD30NF03LTT4 Datasheet
312Kb / 13P
N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
More results

Similar Description - STD30NF03L_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30PF03L STMICROELECTRONICS-STD30PF03L Datasheet
320Kb / 8P
P-CHANNEL 30V - 0.025Ω - 24A DPAK/IPAK STripFET™ II POWER MOSFET
May-2002
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
07-Feb-2006
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
19-Feb-2007
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
STD35NF3LL STMICROELECTRONICS-STD35NF3LL_07 Datasheet
318Kb / 13P
N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
STD50N03L STMICROELECTRONICS-STD50N03L Datasheet
337Kb / 16P
N-CHANNEL 30V - 9.2mohm - 40A - DPAK/IPAK STripFET TM III Power MOSFET
27-Oct-2006
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
19-Jul-2006
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
29-Jun-2006
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
08-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com