Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD50N03L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD50N03L
Description  N-CHANNEL 30V - 9.2mohm - 40A - DPAK/IPAK STripFET TM III Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD50N03L Datasheet(HTML) 4 Page - STMicroelectronics

  STD50N03L Datasheet HTML 1Page - STMicroelectronics STD50N03L Datasheet HTML 2Page - STMicroelectronics STD50N03L Datasheet HTML 3Page - STMicroelectronics STD50N03L Datasheet HTML 4Page - STMicroelectronics STD50N03L Datasheet HTML 5Page - STMicroelectronics STD50N03L Datasheet HTML 6Page - STMicroelectronics STD50N03L Datasheet HTML 7Page - STMicroelectronics STD50N03L Datasheet HTML 8Page - STMicroelectronics STD50N03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STD50N03L - STD50N03L-1
4/16
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 30V
VDS = 30V, Tc=125°C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250µA
1V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 20A
VGS= 5V, ID= 20A
9.2
0.012
10.5
0.019
m
Ω
Ω
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25V, f=1MHz,
VGS=0
1434
294
48
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD= 15V, ID = 40A
VGS = 5V
(see Figure 13)
10.4
5.1
3.7
14
nC
nC
nC
QOSS
(1)
1.
QOSS=COSS*D Vin; COSS= Cgd + Cgd. See Appendix A
Output charge
VDS = 24V ; VGS =0
12.6
nC
RG
Gate input resistance
f=1MHz Gate Bias
Bias=0 Test signal
Level=20mV
open drain
1.1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com