Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D90N02L Datasheet(PDF) 10 Page - STMicroelectronics

Part # D90N02L
Description  N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D90N02L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button D90N02L Datasheet HTML 6Page - STMicroelectronics D90N02L Datasheet HTML 7Page - STMicroelectronics D90N02L Datasheet HTML 8Page - STMicroelectronics D90N02L Datasheet HTML 9Page - STMicroelectronics D90N02L Datasheet HTML 10Page - STMicroelectronics D90N02L Datasheet HTML 11Page - STMicroelectronics D90N02L Datasheet HTML 12Page - STMicroelectronics D90N02L Datasheet HTML 13Page - STMicroelectronics D90N02L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
STD90N02L - STD90N02L-1
10/17
Table 7.
Power losses
High side switch (SW1)
Low side switch (SW2)
Pconduction
Pswitching
Zero voltage switching
Pdiode
recovery
Not applicable
conduction
Not applicable
Pgate(Qg)
PQoss
Table 8.
Power losses parameters
Paramter
Meaning
d
Duty-cycle
Qgsth
Post threshold gate charge
Qgls
Third quadrant gate charge
Pconduction
On state losses
Pswitching
On-off transition losses
Pdiode
Conduction and reverse recovery diode losses
Pgate
Gate driver losses
PQoss
Output capacitance losses
R
DS on
() IL
2
•δ
•
R
DS on
() IL
2
•
1
δ
–
()
•
V
in
Q
gsth SW1
()
Q
gd SW1
()
+
()
•
f
I
L
I
g
----
•
•
V
1
in
Q
rr SW2
()
•
f
•
V
fSW2
() IL tdeadtime f
•
•
•
Q
gSW1
() Vgg
•
f
•
Q
gls SW2
() Vgg
•
f
•
V
in
Q
oss SW1
()
•
f
•
2
-------------------------------------------------
V
in
Q
oss SW2
()
•
f
•
2
-------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com