Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N817A Datasheet(PDF) 2 Page - STMicroelectronics

Part # N817A
Description  PNP MEDIUM POWER TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N817A Datasheet(HTML) 2 Page - STMicroelectronics

  N817A Datasheet HTML 1Page - STMicroelectronics N817A Datasheet HTML 2Page - STMicroelectronics N817A Datasheet HTML 3Page - STMicroelectronics N817A Datasheet HTML 4Page - STMicroelectronics N817A Datasheet HTML 5Page - STMicroelectronics N817A Datasheet HTML 6Page - STMicroelectronics N817A Datasheet HTML 7Page - STMicroelectronics N817A Datasheet HTML 8Page - STMicroelectronics N817A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1 Electrical ratings
STF817A - STN817A
2/9
1
Electrical ratings
Table 1.
Absolute maximum ratings
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
SOT-223
SOT-89
VCBO
Collector-Base Voltage (IE=0)
-80
V
VCEO
Collector-Emitter Voltage (IE=0)
-80
V
VEBO
Emitter-Base Voltage (IC=0)
-5
V
IC
Collector Current
-1.5
A
ICM
Collector Peaak Current (tp<5ms)
-2
A
IB
Base Current
-0.3
A
IBM
Base Peak Current (tp<5ms)
-0.6
A
PTOT
Total Dissipation at Tamb = 25°C
1.6
1.4
W
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-65 to 150
°C
SOT-223
SOT-89
Unit
Rthj-amb
Note 1
Thermal Resistance Junction-amb Max
78
89
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com