Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LPT244CS Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74LPT244CS
Description  Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT244CS Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74LPT244CS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT244CS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT244CS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT244CS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LPT244CS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LPT244CS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LPT244CS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LPT244CS Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PI74LPT244
3.3V 8-Bit Buffer /Line Driver
6
PS2058F
06/05/06
Packaging Mechanical: 20-pin TSSOP (L)
Packaging Mechanical: 20-pin SOIC (S)
SEATING
PLANE
.050
BSC
1
20
0-8˚
.2914
.2992
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
7.40
7.60
.496
.511
12.60
12.99
1.27
.0926
.1043
2.35
2.65
.394
.419
10.00
10.65
.0040
.0118
0.10
0.30
.013
.020
0.33
0.51
.010
.029
0.254
0.737
.0091
.0125
0.23
0.32
0.41
1.27
.016
.050
x 45˚
.020
.030
0.508
0.762
REF
����
������
����
����
����
����
�������
�����
�����
���
����
����
����
����
����
����
�
��
����
����
����
����
���
���
����
����
����
�����
���
���
���
���
����
����
����
����
����
���
06-0181



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com