Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF10NB60SD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGF10NB60SD
Description  N-channel 10A - 600V - TO-220FP PowerMESH TM IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF10NB60SD Datasheet(HTML) 5 Page - STMicroelectronics

  STGF10NB60SD_06 Datasheet HTML 1Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 2Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 3Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 4Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 5Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 6Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 7Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 8Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STGF10NB60SD
Electrical characteristics
5/13
Table 5.
Switching on/off (inductive load)
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Eon
(1)
1.
Eon is the tun-on losses when a typical diode is used in the test circuit in figure 2 Eon include diode
recovery energy. If the IGBT is offered in a package with a co-pak diode, the co-pack diode is used as
external diode. IGBTs & Diode are at the same temperature (25°C and 125°C)
Turn-on delay time
Current rise time
Turn-on current slope
Turn-on switching losses
VCC = 480 V, IC = 10 A
RG =1KΩ , VGE = 15 V
Tj= 25°C (see Figure 15)
0.7
0.46
8
0.6
µs
µs
A/µs
mJ
tr(Voff)
td(off)
tf
Eoff
(2)
2.
Turn-off losses include also the tail of the collector current
Off voltage rise time
Turn-off delay time
Current fall time
Turn-off switching losses
VCC = 480 V, IC = 10 A
RG =1KΩ , VGE = 15
TJ=25°C (see Figure 15)
2.2
1.2
1.2
5.0
µs
µs
µs
mJ
tr(Voff)
td(off)
tf
Eoff
(2)
Off voltage rise time
Turn-off delay time
Current fall time
Turn-off switching losses
VCC = 480 V, IC = 10 A
RG =1KΩ , VGE = 15
Tj=125 °C (see Figure 15)
3.8
1.2
1.9
8.0
µs
µs
µs
mJ
Table 6.
Collector-emitter diode
Symbol
Parameter
Test condictions
Min
Typ.
Max
Unit
If
Ifm
Forward current
Forward current pulsed
7
56
A
A
Vf
Forward on-voltage
If = 3.5 A
If = 3.5 A, Tj = 125 °C
1.4
1.15
1.9
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
If = 7 A ,VR = 20 V,
Tj =125°C, di/dt =100A/
µs
(see Figure 18)
50
70
2.7
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com