Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW35NB60SD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGW35NB60SD
Description  N-CHANNEL 35A - 600V - TO-247 Low Drop PowerMESH TM IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NB60SD Datasheet(HTML) 3 Page - STMicroelectronics

  STGW35NB60SD Datasheet HTML 1Page - STMicroelectronics STGW35NB60SD Datasheet HTML 2Page - STMicroelectronics STGW35NB60SD Datasheet HTML 3Page - STMicroelectronics STGW35NB60SD Datasheet HTML 4Page - STMicroelectronics STGW35NB60SD Datasheet HTML 5Page - STMicroelectronics STGW35NB60SD Datasheet HTML 6Page - STMicroelectronics STGW35NB60SD Datasheet HTML 7Page - STMicroelectronics STGW35NB60SD Datasheet HTML 8Page - STMicroelectronics STGW35NB60SD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STGW35NB60SD
2 Electrical characteristics
3/13
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 3.
Static
Table 4.
Dynamic
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collectro-Emitter Breakdown
Voltage
IC = 1mA, VGE = 0
600
V
VCE(SAT)
Collector-Emitter Saturation
Voltage
VGE= 15V, IC= 20A, Tj= 25°C
VGE= 15V, IC= 20A, Tj= 125°C
1.25
1.2
1.7
V
V
VGE(th)
Gate Threshold Voltage
VCE= VGE, IC= 250µA
2.5
5
V
ICES
Collector-Emitter Leakage
Current (VGE = 0)
VCE = Max Rating,Tc=25°C
VCE = Max Rating, Tc=125°C
10
100
µA
µA
IGES
Gate-Emitter Leakage
Current (VCE = 0)
VGE = ± 20V , VCE = 0
± 100
nA
gfs
Forward Transconductance
VCE = 10V, IC= 18A
20
S
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VCE = 25V, f = 1 MHz, VGE = 0
1820
167
27
pF
pF
pF
Qg
Qge
Qgc
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE = 480V, IC = 20A,
VGE = 15V,
(see Figure 17)
83
10
27
115
nC
nC
nC
ICL
Turn-Off SOA Minimum
Current
Vclamp = 480V , Tj = 125°C
RG = 100Ω
80
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com