Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6225D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6225D
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225D Datasheet(HTML) 5 Page - STMicroelectronics

  L6225D Datasheet HTML 1Page - STMicroelectronics L6225D Datasheet HTML 2Page - STMicroelectronics L6225D Datasheet HTML 3Page - STMicroelectronics L6225D Datasheet HTML 4Page - STMicroelectronics L6225D Datasheet HTML 5Page - STMicroelectronics L6225D Datasheet HTML 6Page - STMicroelectronics L6225D Datasheet HTML 7Page - STMicroelectronics L6225D Datasheet HTML 8Page - STMicroelectronics L6225D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
L6225
ELECTRICAL CHARACTERISTICS
(Tamb = 25 °C, Vs = 48V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSth(ON) Turn-on Threshold
5.8
6.3
6.8
V
VSth(OFF) Turn-off Threshold
5
5.5
6
V
IS
Quiescent Supply Current
All Bridges OFF;
Tj = -25°C to 125°C
(7)
510
mA
Tj(OFF)
Thermal Shutdown Temperature
165
°C
Output DMOS Transistors
RDS(ON) High-Side + Low-Side Switch ON
Resistance
Tj = 25 °C
1.47
1.69
Ω
Tj =125 °C
(7)
2.35
2.70
Ω
IDSS
Leakage Current
EN = Low; OUT = VS
2mA
EN = Low; OUT = GND
-0.3
mA
Source Drain Diodes
VSD
Forward ON Voltage
ISD = 1.4A, EN = LOW
1.15
1.3
V
trr
Reverse Recovery Time
If = 1.4A
300
ns
tfr
Forward Recovery Time
200
ns
Logic Input
VIL
Low level logic input voltage
-0.3
0.8
V
VIH
High level logic input voltage
2
7
V
IIL
Low Level Logic Input Current
GND Logic Input Voltage
-10
µA
IIH
High Level Logic Input Current
7V Logic Input Voltage
10
µA
Vth(ON)
Turn-on Input Threshold
1.8
2.0
V
Vth(OFF)
Turn-off Input Threshold
0.8
1.3
V
Vth(HYS)
Input Threshold Hysteresis
0.25
0.5
V
Switching Characteristics
tD(on)EN
Enable to out turn ON delay time (8)
ILOAD =1.4A, Resistive Load
500
800
ns
tD(on)IN
Input to out turn ON delay time
ILOAD =1.4A, Resistive Load
(dead time included)
1.9
µs
tRISE
Output rise time(8)
ILOAD =1.4A, Resistive Load
40
250
ns
tD(off)EN
Enable to out turn OFF delay time (8) ILOAD =1.4A, Resistive Load
500
800
1000
ns
tD(off)IN
Input to out turn OFF delay time
ILOAD =1.4A, Resistive Load
500
800
1000
ns
tFALL
Output Fall Time (8)
ILOAD =1.4A, Resistive Load
40
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com