Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS952IN Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS952IN
Description  Input/Output Rail-to-Rail Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS952IN Datasheet(HTML) 1 Page - STMicroelectronics

  TS952IN Datasheet HTML 1Page - STMicroelectronics TS952IN Datasheet HTML 2Page - STMicroelectronics TS952IN Datasheet HTML 3Page - STMicroelectronics TS952IN Datasheet HTML 4Page - STMicroelectronics TS952IN Datasheet HTML 5Page - STMicroelectronics TS952IN Datasheet HTML 6Page - STMicroelectronics TS952IN Datasheet HTML 7Page - STMicroelectronics TS952IN Datasheet HTML 8Page - STMicroelectronics TS952IN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 5
December 2005
1/15
15
TS951-TS952-TS954
Input/Output Rail-to-Rail Low Power Operational Amplifier
Rail-to-rail input common-mode voltage range
Rail-to-rail output voltage swing
Operating from 2.7V to 12V
High-speed (3MHz, 1V/
µs)
Low consumption (0.9mA @ 3V)
Supply voltage rejection ratio: 80dB
Latch-up immunity
Available in SOT23-5 micropackage
Description
The
TS95x
family
are
rail-to-rail
BiCMOS
operational
amplifiers
optimized
and
fully
specified for 3V and 5V operation.
The TS951 is housed in the space-saving 5 pins
SOT23 package that makes it well suited for
battery-powered
systems.
This micropackage
simplifies the PC board design because of it’s
ability to be placed in tight spaces (outside
dimensions are: 2.8mm x 2.9mm)
Applications
Set-top boxes
Laptop/notebook computers
Transformer/line drivers
Personal entertainments (CD players)
Portable communication (cell phones, pagers)
Instrumentation & sensoring
Digital to analog converter buffers
Portable headphone speaker drivers
TS951ILT
TS951ID
TS952IN-TS952ID-TS952IPT
TS954IN-TS954ID-TS954IPT
1
2
3
4
5
Inverting input
Non-inverting input
Output
VDD
VCC
1
2
3
45
6
7
8
-
+
-
+
Inverting Input 1
Output 1
Non-inverting Input 1
VDD
VCC
Output 2
Inverting Input 2
Non-inverting Input 2
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
DD
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
www.st.com


Similar Part No. - TS952IN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS952IN STMICROELECTRONICS-TS952IN Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
TS952IN STMICROELECTRONICS-TS952IN Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
More results

Similar Description - TS952IN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Intersil Corporation
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
1A Rail-to-Rail Input-Output Operational Amplifier
June 3, 2009
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 25, 2009
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
1A Rail-to-Rail Input-Output Operational Amplifier
logo
Texas Instruments
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V01 Datasheet
645Kb / 22P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com