Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS954ID/IDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS954ID/IDT
Description  Input/Output Rail-to-Rail Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS954ID/IDT Datasheet(HTML) 3 Page - STMicroelectronics

  TS954ID/IDT Datasheet HTML 1Page - STMicroelectronics TS954ID/IDT Datasheet HTML 2Page - STMicroelectronics TS954ID/IDT Datasheet HTML 3Page - STMicroelectronics TS954ID/IDT Datasheet HTML 4Page - STMicroelectronics TS954ID/IDT Datasheet HTML 5Page - STMicroelectronics TS954ID/IDT Datasheet HTML 6Page - STMicroelectronics TS954ID/IDT Datasheet HTML 7Page - STMicroelectronics TS954ID/IDT Datasheet HTML 8Page - STMicroelectronics TS954ID/IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TS951-TS952-TS954
Absolute Maximum Ratings
3/15
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage are with respect to network ground terminal.
14
V
Vid
Differential Input Voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. If Vid > ±1V,
the maximum input current must not exceed ±1mA. In this case (Vid > ±1V) an input serie resistor must be
added to limit input current.
±1
V
Vin
Input Voltage (3)
3.
Do not exceed 14V.
VDD-0.3 to VCC+0.3
V
Tstg
Storage Temperature Range
-65 to +150
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient (4)
SOT23-5
SO8
SO14
TSSOP8
TSSOP14
4.
Short-circuits can cause excessive heating and destructive dissipation.
250
125
103
120
100
°C/W
ESD
HBM: Human Body Model(5)
TS951
TS952
TS954
5.
Human body model, 100pF discharged through a 1.5k
Ω resistor into pin of device.
1
2
3
kV
MM: Machine Model(6)
6.
Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with
no external series resistor (internal resistor < 5
Ω), into pin to pin of device.
100
V
CDM: Charged Device Model
1.5
kV
Latch-up Immunity
200
mA
Lead Temperature (soldering, 10sec)
260
°C
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 12
V
Vicm
Common Mode Input Voltage Range
VDD -0.2 to VCC +0.2
V
Toper
Operating Free Air Temperature Range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com