Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL100NH3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL100NH3LL
Description  N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100NH3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STL100NH3LL_07 Datasheet HTML 1Page - STMicroelectronics STL100NH3LL_07 Datasheet HTML 2Page - STMicroelectronics STL100NH3LL_07 Datasheet HTML 3Page - STMicroelectronics STL100NH3LL_07 Datasheet HTML 4Page - STMicroelectronics STL100NH3LL_07 Datasheet HTML 5Page - STMicroelectronics STL100NH3LL_07 Datasheet HTML 6Page - STMicroelectronics STL100NH3LL_07 Datasheet HTML 7Page - STMicroelectronics STL100NH3LL_07 Datasheet HTML 8Page - STMicroelectronics STL100NH3LL_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2007
Rev 9
1/12
12
STL100NH3LL
N-channel 30V - 0.0032
Ω - 25A - PowerFLAT™ (6x5)
STripFET™ III Power MOSFET
General features
■ Improved die-to-footprint ratio
■ Very low profile package (1mm max)
■ Very low thermal resistance
■ Conduction losses reduced
■ Switching losses reduced
Description
This series utilizes the last advanced design rules
of ST’s proprietary STripFET™ technology. This
process complete to unique metallization
technique realised the most advanced low voltage
Power MOSFET in PowerFLAT™(6x5). The Chip-
scaled PowerFLAT™ package allows a significant
board space saving, still boosting the
performance.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STL100NH3LL
30V
<0.0035
Ω
25A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™( 6x5 )
www.st.com
Order codes
Part number
Marking
Package
Packaging
STL100NH3LL
L100NH3LL
PowerFLAT™ (6x5)
Tape & reel


Similar Part No. - STL100NH3LL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
N-channel 30 V - 0.0032 Ω - 25 A - PowerFLAT??(6x5) STripFET™III Power MOSFET
20-Mar-2008
More results

Similar Description - STL100NH3LL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
22-Jun-2005
STL100NH3LL STMICROELECTRONICS-STL100NH3LL Datasheet
482Kb / 10P
N-CHANNEL 30V - 0.0032ohm - 25A PowerFLAT (6x5) STripFET III MOSFET
10-Oct-2005
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
332Kb / 12P
N-channel 30V - 0.011 - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
30-Mar-2006
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STL50NH3LL_0609 STMICROELECTRONICS-STL50NH3LL_0609 Datasheet
351Kb / 12P
N-channel 30V - 0.011ohm - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
06-Sep-2006
STL60NH3LL_0609 STMICROELECTRONICS-STL60NH3LL_0609 Datasheet
355Kb / 13P
N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
05-Sep-2006
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL_07 Datasheet
305Kb / 12P
N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
31-Jan-2007
STSJ100NHS3LL STMICROELECTRONICS-STSJ100NHS3LL Datasheet
293Kb / 12P
N-channel 30V - 0.0032ohm - 20A - PowerSO-8 STripFET III Power MOSFET plus monolithic schottky
18-Jul-2006
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
N-channel 30 V - 0.0032 Ω - 25 A - PowerFLAT??(6x5) STripFET™III Power MOSFET
20-Mar-2008
STL100NHS3LL STMICROELECTRONICS-STL100NHS3LL Datasheet
235Kb / 9P
N-channel 30V - 0.0032Ω - 22A - PowerFLAT??(6x5) STripFET™Power MOSFET plus monolithic Schottky
03-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com