Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL80N4LLF3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STL80N4LLF3
Description  N-channel 40V - 0.0042ohm - 80A - PowerFLAT (6x5) STripFET Power MOSFET for DC-DC conversion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL80N4LLF3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STL80N4LLF3 Datasheet HTML 4Page - STMicroelectronics STL80N4LLF3 Datasheet HTML 5Page - STMicroelectronics STL80N4LLF3 Datasheet HTML 6Page - STMicroelectronics STL80N4LLF3 Datasheet HTML 7Page - STMicroelectronics STL80N4LLF3 Datasheet HTML 8Page - STMicroelectronics STL80N4LLF3 Datasheet HTML 9Page - STMicroelectronics STL80N4LLF3 Datasheet HTML 10Page - STMicroelectronics STL80N4LLF3 Datasheet HTML 11Page - STMicroelectronics STL80N4LLF3 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STL80N4LLF3
Package mechanical data
9/12
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com