Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP12IE90F4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP12IE90F4
Description  Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12IE90F4 Datasheet(HTML) 4 Page - STMicroelectronics

  STP12IE90F4 Datasheet HTML 1Page - STMicroelectronics STP12IE90F4 Datasheet HTML 2Page - STMicroelectronics STP12IE90F4 Datasheet HTML 3Page - STMicroelectronics STP12IE90F4 Datasheet HTML 4Page - STMicroelectronics STP12IE90F4 Datasheet HTML 5Page - STMicroelectronics STP12IE90F4 Datasheet HTML 6Page - STMicroelectronics STP12IE90F4 Datasheet HTML 7Page - STMicroelectronics STP12IE90F4 Datasheet HTML 8Page - STMicroelectronics STP12IE90F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STP12IE90F4
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
ICS(SS)
Collector-source current
(VBS = VGS = 0)
VCE = 900V
100
µA
IBS(OS)
Base-source current
(IC = 0, VGS = 0)
VBS(OS) = 30V
10
µA
ISB(OS)
Source-base current
(IC = 0, VGS = 0)
VSB(OS) = 17V
100
µA
IGS(OS)
Gate-source leakage
VGS = ± 17V
100
nA
VCS(ON)
Collector-source ON
voltage
VGS = 10V _IC = 12A IB = 2.4A
VGS = 10V_ IC = 6A
IB = 0.6A
1
0.6
V
V
hFE
DC current gain
VGS = 10V_ IC = 12A VCS = 1V
VGS = 10V_ IC = 6A_ VCS = 1V
5
15
VBS(ON) Base Source ON voltage
VGS = 10V_ IC = 12A IB = 2.4A
VGS = 10V_ IC = 6A_ IB = 0.6A
1.5
1.2
V
V
VGS(th)
Gate threshold voltage
VBS = VGS ______IB = 250µA
23
4V
Ciss
Input capacitance
VCS =25V f =1MHz
VGS=0V
520
pF
QGS(tot)
Gate-source Charge
VCS=25V
VGS=10V
VCB=0V
IC =4A
21.3
nC
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
VGS =10V
RG =47Ω
VClamp =720V
tp =4µs
IC =6A
IB =1.2A
610
10
ns
ns
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
VGS =10V
RG =47Ω
VClamp =720V
tp =4µs
IC =6A
IB =0.6A
360
10
ns
ns
VCSW
Maximum collector-
source voltage switched
without snubber
RG =47Ω
hFE =5
IC = 12A
900
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com