Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP45NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP45NF3LL
Description  N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STP45NF3LL_06 Datasheet HTML 1Page - STMicroelectronics STP45NF3LL_06 Datasheet HTML 2Page - STMicroelectronics STP45NF3LL_06 Datasheet HTML 3Page - STMicroelectronics STP45NF3LL_06 Datasheet HTML 4Page - STMicroelectronics STP45NF3LL_06 Datasheet HTML 5Page - STMicroelectronics STP45NF3LL_06 Datasheet HTML 6Page - STMicroelectronics STP45NF3LL_06 Datasheet HTML 7Page - STMicroelectronics STP45NF3LL_06 Datasheet HTML 8Page - STMicroelectronics STP45NF3LL_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2006
Rev 4
1/16
16
STP45NF3LL - STP45NF3LLFP
STB45NF3LL
N-channel 30V - 0.014
Ω - 45A TO-220 - TO-220FP - D2PAK
STripFET II™ power MOSFET
General features
Optimal RDS(on) x Qg trade-off @ 4.5V
Conduction losses reduced
Switching losses reduced
Description
This application specific Power MOSFET is the
third genaration of STMicroelectronics unique
“Single Feature Size™” strip-based process. The
resulting transistor shows the best trade-off
between on-resistance ang gate charge. When
used as high and low side in buck regulators, it
gives the best performance in terms of both
conduction and switching losses. This is
extremely important for motherboards where fast
switching and high efficiency are of paramount
importance.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB45NF3LL
30V
<0.018
45A
STP45NF3LLFP
30V
<0.018
45A
STP45NF3LL
30V
<0.018
27A
D²PAK
TO-220
TO-220FP
1
2
3
1
3
1
2
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB11NM60FD
B11NM60FD
D²PAK
Tape & reel
STB11NM60FD-1
B11NM60FD
I²PAK
Tube
STP11NM60FD
P11NM60FD
TO-220
Tube


Similar Part No. - STP45NF3LL_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP45NF3LLFP STMICROELECTRONICS-STP45NF3LLFP Datasheet
527Kb / 11P
N-CHANNEL 30V - 0.014ohm - 45A TO-220 - TO220FP - D2PAK STripFET II™ POWER MOSFET
Nov-2002
logo
Inchange Semiconductor ...
STP45NF3LLFP ISC-STP45NF3LLFP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP45NF3LL_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
472Kb / 11P
N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET™ II POWER MOSFET
Jul-2003
STP45NE06L STMICROELECTRONICS-STP45NE06L Datasheet
88Kb / 6P
N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP45NF3LL STMICROELECTRONICS-STP45NF3LL Datasheet
527Kb / 11P
N-CHANNEL 30V - 0.014ohm - 45A TO-220 - TO220FP - D2PAK STripFET II™ POWER MOSFET
Nov-2002
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET™ POWER MOSFET
Jan-2002
STB20NF06L STMICROELECTRONICS-STB20NF06L Datasheet
395Kb / 16P
N-channel 60V - 0.06Ω - 20A - D2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
27-Jul-2006
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
422Kb / 16P
N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
27-Feb-2007
STB60NF06L STMICROELECTRONICS-STB60NF06L_06 Datasheet
516Kb / 16P
N-channel 60V - 0.012Ω - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
STB60NF06LT4 STMICROELECTRONICS-STB60NF06LT4 Datasheet
520Kb / 16P
N-channel 60V - 0.012廓 - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com