Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P75NS04Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # P75NS04Z
Description  N-channel Clamped - 7mohm - 80A - TO-220 Fully protected MESH Overlay III Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P75NS04Z Datasheet(HTML) 1 Page - STMicroelectronics

  P75NS04Z Datasheet HTML 1Page - STMicroelectronics P75NS04Z Datasheet HTML 2Page - STMicroelectronics P75NS04Z Datasheet HTML 3Page - STMicroelectronics P75NS04Z Datasheet HTML 4Page - STMicroelectronics P75NS04Z Datasheet HTML 5Page - STMicroelectronics P75NS04Z Datasheet HTML 6Page - STMicroelectronics P75NS04Z Datasheet HTML 7Page - STMicroelectronics P75NS04Z Datasheet HTML 8Page - STMicroelectronics P75NS04Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 2006
Rev 1
1/12
12
STP75NS04Z
N-channel Clamped - 7m
Ω - 80A - TO-220
Fully protected MESH Overlay™ III Power MOSFET
General features
■ Low capacitance and gate charge
■ 100% avalanche tested
■ 175°C maximum junction temperature
Description
This fully clamped MOSFET is produced by using
the latest advanced Company’s Mesh Overlay
process which is based on a novel strip layout.
The inherent benefits of a new technology
coupled with the extra clamping capabilities make
this product particularly suitable for the harshest
operation conditions such as those encoured in
power tools. Any other application requiring extra
ruggedness is also recommended.
Applications
■ Switching application
■ Power tools
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STP75NS04Z
Clamped
< 11mΩ
80A
1
2
3
TO-220
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP75NS04Z
P75NS04Z
TO-220
Tube


Similar Part No. - P75NS04Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P75N02LD ETC1-P75N02LD Datasheet
115Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
P75N02LDG NIKOSEM-P75N02LDG Datasheet
44Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
P75N02LI VBSEMI-P75N02LI Datasheet
995Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
List of Unclassifed Man...
P75N02LS ETC-P75N02LS Datasheet
45Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - P75NS04Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP60NS04Z STMICROELECTRONICS-STP60NS04Z Datasheet
91Kb / 8P
N - CHANNEL CLAMPED 10mohm - 60A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
Dec-1999
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB Datasheet
292Kb / 8P
N-CHANNEL CLAMPED 10mohm - 60A TO-220 FULLY PROTECTED MESH OVERLAY™ MOSFET
Nov-2002
STP80NS04Z STMICROELECTRONICS-STP80NS04Z Datasheet
90Kb / 8P
N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
Dec-1999
STP62NS04Z STMICROELECTRONICS-STP62NS04Z Datasheet
249Kb / 8P
N-CHANNEL CLAMPED 12.5m - 62A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
Mar-2004
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB Datasheet
327Kb / 12P
N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
14-Jan-2005
STP62NS04Z STMICROELECTRONICS-STP62NS04Z_06 Datasheet
267Kb / 12P
N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
02-Oct-2006
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB_06 Datasheet
382Kb / 16P
N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
03-Oct-2006
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB_06 Datasheet
256Kb / 13P
N-channel clamped - 10mohm - 60A - TO-220 Fully protected Mesh Overlay Power MOSFET
04-Oct-2006
STP80NS04ZB STMICROELECTRONICS-STP80NS04ZB Datasheet
115Kb / 6P
N-CHANNEL CLAMPED 7.5mohm - 80A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
May-2003
STP70NS04ZC STMICROELECTRONICS-STP70NS04ZC Datasheet
272Kb / 13P
N-channel clamped 8mΩ - 80A TO-220 Fully protected SAFeFET??Power MOSFET
04-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com