Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

120NH03L Datasheet(PDF) 4 Page - STMicroelectronics

Part # 120NH03L
Description  N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

120NH03L Datasheet(HTML) 4 Page - STMicroelectronics

  120NH03L Datasheet HTML 1Page - STMicroelectronics 120NH03L Datasheet HTML 2Page - STMicroelectronics 120NH03L Datasheet HTML 3Page - STMicroelectronics 120NH03L Datasheet HTML 4Page - STMicroelectronics 120NH03L Datasheet HTML 5Page - STMicroelectronics 120NH03L Datasheet HTML 6Page - STMicroelectronics 120NH03L Datasheet HTML 7Page - STMicroelectronics 120NH03L Datasheet HTML 8Page - STMicroelectronics 120NH03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STB120NH03L - STI120NH03L - STP120NH03L
4/17
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating,
TC=125°C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20V
±
100
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
11.8
3
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 30A
VGS = 5V, ID = 30A
0.005
0.006
0.0055
0.0105
Ω
Ω
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25V, f = 1MHz,
VGS = 0
4100
680
70
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Off voltage rise time
Fall time
VDD = 15V, ID = 30A,
RG = 4.7Ω, VGS = 10V
(see Figure 12)
16
95
48
23
ns
ns
ns
ns
Rg
Gate input resistance
f = 1MHz gate DC bias=0
test signal level=20mV
open drain
1.3
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=15V, ID = 60A
VGS =10V
(see Figure 13)
57
12
7
77
nC
nC
nC
Qoss
(1)
1.
Qoss = Coss*
∆V
IN, Coss = Cgd + Cds. See power losses calculation
Output charge
VDS = 24V, VGS = 0
27
ns
Qgls
(2)
2.
Gate charge for synchronous operation.
Third-quadrant gate
charge
VDS < 0, VGS= 0V
55
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com