Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS20NHS3LL Datasheet(PDF) 8 Page - STMicroelectronics

Part # STS20NHS3LL
Description  N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS20NHS3LL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STS20NHS3LL_07 Datasheet HTML 4Page - STMicroelectronics STS20NHS3LL_07 Datasheet HTML 5Page - STMicroelectronics STS20NHS3LL_07 Datasheet HTML 6Page - STMicroelectronics STS20NHS3LL_07 Datasheet HTML 7Page - STMicroelectronics STS20NHS3LL_07 Datasheet HTML 8Page - STMicroelectronics STS20NHS3LL_07 Datasheet HTML 9Page - STMicroelectronics STS20NHS3LL_07 Datasheet HTML 10Page - STMicroelectronics STS20NHS3LL_07 Datasheet HTML 11Page - STMicroelectronics STS20NHS3LL_07 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Test circuit
STS20NHS3LL
8/12
3
Test circuit
Figure 12. Switching times test circuit for
resistive load
Figure 13. Gate charge test circuit
Figure 14. Test circuit for inductive load
switching and diode recovery times
Figure 15. Unclamped inductive load test
circuit
Figure 16. Unclamped inductive waveform
Figure 17. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com