Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSJ100NH3LL Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSJ100NH3LL
Description  N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSJ100NH3LL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSJ100NH3LL Datasheet HTML 3Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 4Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 5Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 6Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 7Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 8Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 9Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 10Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
STSJ100NH3LL
8/11
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com